Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LS132 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LS132
Description  Quadruple 2-Input Positive NAND Schmitt-triggers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS132 Datasheet(HTML) 6 Page - Renesas Technology Corp

  HD74LS132 Datasheet HTML 1Page - Renesas Technology Corp HD74LS132 Datasheet HTML 2Page - Renesas Technology Corp HD74LS132 Datasheet HTML 3Page - Renesas Technology Corp HD74LS132 Datasheet HTML 4Page - Renesas Technology Corp HD74LS132 Datasheet HTML 5Page - Renesas Technology Corp HD74LS132 Datasheet HTML 6Page - Renesas Technology Corp HD74LS132 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HD74LS132
Rev.3.00, Jul.13.2005, page 6 of 6
14
8
7
F
*1
*3
p
M
x
y
1
Index mark
b
Z
D
Terminal cross section
( Ni/Pd/Au plating )
p
b
1
Detail F
L
L
θ
PRSP0014DE-A
P-SOP14-3.95x8.65-1.27
A
L
e
e
c
b
D
E
A
b
c
θ
x
y
H
Z
L
2
1
1
E
1
MASS[Typ.]
0.13g
8.65
1.08
0.25
0
°
8
°
6.10
0.15
0.20
0.25
0.46
0.10
0.14
0.25
3.95
0.40
0.60
1.27
1.75
Reference
Symbol
Dimension in Millimeters
Min
Nom
Max
Previous Code
JEITA Package Code
RENESAS Code
FP-14DNV
9.05
1
A
p
0.34
0.40
6.20
5.80
1.27
0.15
0.635
NOTE)
1. DIMENSIONS"
*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"
*3"DOES NOT
INCLUDE TRIM OFFSET.


Similar Part No. - HD74LS132

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS132 HITACHI-HD74LS132 Datasheet
49Kb / 5P
   Quadruple 2-input Positive NAND Schmitt-triggers
HD74LS132 HITACHI-HD74LS132 Datasheet
6Mb / 273P
   Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS132

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54132 TI1-SN54132_15 Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT TRIGGERS
logo
Hitachi Semiconductor
HD74LS132 HITACHI-HD74LS132 Datasheet
49Kb / 5P
   Quadruple 2-input Positive NAND Schmitt-triggers
logo
Texas Instruments
SN54132 TI-SN54132 Datasheet
362Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT TRIGGERS
SN54132 TI-SN54132_07 Datasheet
928Kb / 23P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT TRIGGERS
logo
Aeroflex Circuit Techno...
UT54ACS132E AEROFLEX-UT54ACS132E Datasheet
133Kb / 7P
   Quadruple 2-Input NAND Schmitt Triggers
UT54ACS132 AEROFLEX-UT54ACS132 Datasheet
231Kb / 9P
   Quadruple 2-Input NAND Schmitt Triggers
logo
List of Unclassifed Man...
UT54ACS132 ETC1-UT54ACS132 Datasheet
34Kb / 4P
   Radiation-Hardened Quadruple 2-Input NAND Schmitt Triggers
logo
Texas Instruments
74AC11132 TI1-74AC11132 Datasheet
375Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT-TRIGGER
SN7413 TI1-SN7413 Datasheet
369Kb / 11P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND SCHMITT TRIGGERS
SN5413 TI-SN5413 Datasheet
374Kb / 11P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND SCHMITT TRIGGERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com