Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV1G32ACME Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LV1G32ACME
Description  2.input OR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1G32ACME Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LV1G32ACME Datasheet HTML 1Page - Renesas Technology Corp HD74LV1G32ACME Datasheet HTML 2Page - Renesas Technology Corp HD74LV1G32ACME Datasheet HTML 3Page - Renesas Technology Corp HD74LV1G32ACME Datasheet HTML 4Page - Renesas Technology Corp HD74LV1G32ACME Datasheet HTML 5Page - Renesas Technology Corp HD74LV1G32ACME Datasheet HTML 6Page - Renesas Technology Corp HD74LV1G32ACME Datasheet HTML 7Page - Renesas Technology Corp HD74LV1G32ACME Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HD74LV1G32A
REJ03D0068-0700 Rev.7.00, Mar 21, 2008
Page 5 of 7
Switching Characteristics
• V
CC = 1.8 ± 0.15 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
12.3
22.5
1.0
25.0
CL = 15 pF
Propagation
delay time
tPLH
tPHL
17.7
31.0
1.0
34.0
ns
CL = 50 pF
A or B
Y
• V
CC = 2.5 ± 0.2 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
7.1
12.8
1.0
15.0
CL = 15 pF
Propagation
delay time
tPLH
tPHL
9.6
16.2
1.0
19.0
ns
CL = 50 pF
A or B
Y
• V
CC = 3.3 ± 0.3 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
5.0
7.9
1.0
9.5
CL = 15 pF
Propagation
delay time
tPLH
tPHL
6.9
11.4
1.0
13.0
ns
CL = 50 pF
A or B
Y
• V
CC = 5.0 ± 0.5 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
3.6
5.5
1.0
6.5
CL = 15 pF
Propagation
delay time
tPLH
tPHL
4.9
7.5
1.0
8.5
ns
CL = 50 pF
A or B
Y
Operating Characteristics
• C
L = 50 pF
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
3.3
9.5
Power dissipation
capacitance
CPD
5.0
11.5
pF
f = 10 MHz


Similar Part No. - HD74LV1G32ACME

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1G32ACME RENESAS-HD74LV1G32ACME Datasheet
88Kb / 11P
   2-input OR Gate
HD74LV1G32ACME RENESAS-HD74LV1G32ACME Datasheet
166Kb / 9P
   2?밿nput OR Gate
More results

Similar Description - HD74LV1G32ACME

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
   2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
   2-INPUT OR GATE
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
   2-input OR gate
1999 Jan 27
74AHC1G32 NXP-74AHC1G32 Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Toshiba Semiconductor
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
   2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
   2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
   2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
   2-input OR Gate
logo
Toshiba Semiconductor
TC7SH32F TOSHIBA-TC7SH32F_09 Datasheet
173Kb / 7P
   2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com