Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV1G02A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LV1G02A
Description  2-input NOR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1G02A Datasheet(HTML) 6 Page - Renesas Technology Corp

  HD74LV1G02A_08 Datasheet HTML 1Page - Renesas Technology Corp HD74LV1G02A_08 Datasheet HTML 2Page - Renesas Technology Corp HD74LV1G02A_08 Datasheet HTML 3Page - Renesas Technology Corp HD74LV1G02A_08 Datasheet HTML 4Page - Renesas Technology Corp HD74LV1G02A_08 Datasheet HTML 5Page - Renesas Technology Corp HD74LV1G02A_08 Datasheet HTML 6Page - Renesas Technology Corp HD74LV1G02A_08 Datasheet HTML 7Page - Renesas Technology Corp HD74LV1G02A_08 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
HD74LV1G02A
REJ03D0063-0700 Rev.7.00, Mar 21, 2008
Page 6 of 7
Test Circuit
Pulse
generator
50
C
L
Input
Output
VCC
L
Note: C includes probe and jig capacitance.
Waveforms
Input
Output
90%
50%
10%
50%
tPHL
tPLH
VCC
GND
VOH
VOL
tr
tf
90%
50%
10%
50%
Notes: 1. Input waveform : PRR
≤ 1 MHz, Zo = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns.
2. The output are measured one at a time with one transition per measurement.


Similar Part No. - HD74LV1G02A_08

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1G02ACME RENESAS-HD74LV1G02ACME Datasheet
88Kb / 11P
   2-input NOR Gate
HD74LV1G02AVSE RENESAS-HD74LV1G02AVSE Datasheet
88Kb / 11P
   2-input NOR Gate
HD74LV1G02A RENESAS-HD74LV1G02A_15 Datasheet
165Kb / 9P
   2?밿nput NOR Gate
More results

Similar Description - HD74LV1G02A_08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
   2 Input NOR Gate
logo
Renesas Technology Corp
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
   2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
   2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
   2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SET02F TOSHIBA-TC7SET02F Datasheet
165Kb / 5P
   2-INPUT NOR GATE
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02_15 Datasheet
151Kb / 5P
   2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02-Q100 NEXPERIA-74AHC1G02-Q100 Datasheet
680Kb / 12P
   2-input NOR gate
XC7SH02 NEXPERIA-XC7SH02 Datasheet
202Kb / 11P
   2-input NOR gate
Rev. 2 - 12 January 2022
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
   2-INPUT NOR GATE
TC7SH02F TOSHIBA-TC7SH02F Datasheet
197Kb / 5P
   2-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com