Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPSA92-AP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSA92-AP
Description  SMALL SIGNAL PNP TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSA92-AP Datasheet(HTML) 1 Page - STMicroelectronics

  STPSA92-AP Datasheet HTML 1Page - STMicroelectronics STPSA92-AP Datasheet HTML 2Page - STMicroelectronics STPSA92-AP Datasheet HTML 3Page - STMicroelectronics STPSA92-AP Datasheet HTML 4Page - STMicroelectronics STPSA92-AP Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STPSA92
SMALL SIGNAL PNP TRANSISTOR
PRELIMINARY DATA
s
SILICON EPITAXIAL PLANAR PNP HIGH
VOLTAGE TRANSISTOR
s
TO-92 PACKAGE SUITABLE FOR
THROUGH-HOLE PCB ASSEMBLY
s
THE NPN COMPLEMENTARY TYPE IS
STPSA42
APPLICATIONS
s
VIDEO AMPLIFIER CIRCUITS (RGB
CATHODE CURRENT CONTROL)
s
TELEPHONE WIRELINE INTERFACE (HOOK
SWITCHES, DIALER CIRCUITS)
INTERNAL SCHEMATIC DIAGRAM
February 2003
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
-300
V
VCEO
Collector-Emitter Voltage (IB = 0)
-300
V
VEBO
Emitter-Base Voltage (IC = 0)
-5
V
IC
Collector Current
-0.5
A
ICM
Collector Peak Current (tp < 5 ms)
-0.6
A
Ptot
Total Dissipation at TC = 25
oC
625
mW
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
®
Ordering Code
Marking
Package / Shipment
STPSA92
PSA92
TO-92 / Bulk
STPSA92-AP
PSA92
TO-92
/ Ammopack
TO-92
Bulk
TO-92
Ammopack
1/5


Similar Part No. - STPSA92-AP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSA42 STMICROELECTRONICS-STPSA42 Datasheet
59Kb / 5P
   SMALL SIGNAL NPN TRANSISTOR
STPSA42-AP STMICROELECTRONICS-STPSA42-AP Datasheet
59Kb / 5P
   SMALL SIGNAL NPN TRANSISTOR
More results

Similar Description - STPSA92-AP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SOA56 STMICROELECTRONICS-SOA56 Datasheet
35Kb / 4P
   SMALL SIGNAL PNP TRANSISTOR
logo
Taiwan Semiconductor Co...
DTA143ZM TSC-DTA143ZM Datasheet
212Kb / 3P
   PNP Small Signal Transistor
DTC143ZM TSC-DTC143ZM Datasheet
730Kb / 5P
   PNP Small Signal Transistor
DTA123JM TSC-DTA123JM Datasheet
207Kb / 3P
   PNP Small Signal Transistor
logo
Rohm
BCX17 ROHM-BCX17 Datasheet
53Kb / 2P
   PNP small signal transistor
logo
General Semiconductor
MMBT2907A GE-MMBT2907A Datasheet
65Kb / 3P
   Small Signal Transistor (PNP)
logo
Motorola, Inc
MMBA813S2 MOTOROLA-MMBA813S2 Datasheet
26Kb / 1P
   SMALL-SIGNAL PNP TRANSISTOR
logo
Vaishali Semiconductor
MMBT2907A VAISH-MMBT2907A Datasheet
47Kb / 3P
   Small Signal Transistor (PNP)
MMBT4403 VAISH-MMBT4403 Datasheet
46Kb / 3P
   Small Signal Transistor (PNP)
logo
Vishay Siliconix
2N4126 VISHAY-2N4126 Datasheet
159Kb / 4P
   Small Signal Transistor (PNP)
07-May-02
logo
Transys Electronics
2N3906 TRSYS-2N3906 Datasheet
304Kb / 3P
   PNP SMALL SIGNAL TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com