Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V62C5181024L-70WI Datasheet(PDF) 4 Page - Mosel Vitelic, Corp

Part # V62C5181024L-70WI
Description  128K X 8 STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C5181024L-70WI Datasheet(HTML) 4 Page - Mosel Vitelic, Corp

  V62C5181024L-70WI Datasheet HTML 1Page - Mosel Vitelic, Corp V62C5181024L-70WI Datasheet HTML 2Page - Mosel Vitelic, Corp V62C5181024L-70WI Datasheet HTML 3Page - Mosel Vitelic, Corp V62C5181024L-70WI Datasheet HTML 4Page - Mosel Vitelic, Corp V62C5181024L-70WI Datasheet HTML 5Page - Mosel Vitelic, Corp V62C5181024L-70WI Datasheet HTML 6Page - Mosel Vitelic, Corp V62C5181024L-70WI Datasheet HTML 7Page - Mosel Vitelic, Corp V62C5181024L-70WI Datasheet HTML 8Page - Mosel Vitelic, Corp V62C5181024L-70WI Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
V62C5181024 Rev. 2.2 February 2000
MOSEL VITELIC
V62C5181024
DC Electrical Characteristics (over all temperature ranges, VCC = 5V ± 10%)
NOTES:
1.
These are absolute values with respect to device ground and all overshoots due to system or tester noise are included.
2.
VIL (Min.) = -3.0V for pulse width < 20ns.
3.
fMAX = 1/tRC.
4.
Maximum values.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VIL
Input LOW Voltage(1,2)
-0.5
0.8
V
VIH
Input HIGH Voltage(1)
2.2
6
V
IIL
Input Leakage Current
VCC = Max, VIN = 0V to VCC
-5
5
µA
IOL
Output Leakage Current
VCC = Max, CE1 = VIH, VOUT = 0V to VCC
-5
5
µA
VOL
Output LOW Voltage
VCC = Min, IOL = 2.1mA
0.4
V
VOH
Output HIGH Voltage
VCC = Min, IOH = -1mA
2.4
V
Symbol
Parameter
Power
Com.(4)
Ind.(4)
Units
ICC
Operating Power Supply Current, CE1 = VIL, CE2 = VIH,
Output Open, VCC = Max., f = 0
Read
L
4
6
mA
LL
3
5
Write
L
30
35
LL
25
30
ICC1
Average Operating Current, CE1 = VIL, CE2 = VIH, Output Open,
VCC = Max., f = fMAX
(3)
35ns
80
90
mA
70ns
75
85
ISB
TTL Standby Current
CE1 ≥ VIH, CE2 ≤ VIL, VCC = Max.
L
4
6
mA
LL
3
5
ISB1
CMOS Standby Current, CE1 ≥ VCC – 0.2V, CE2 ≤ 0.2V,
VIN ≥ VCC – 0.2V or VIN ≤ 0.2V, VCC = Max.
L
60
80
µA
LL
50
60
AC Test Conditions
AC Test Loads and Waveforms
Key to Switching Waveforms
Input Pulse Levels
0 to 3V
Input Rise and Fall Times
5 ns
Timing Reference Levels
1.5V
Output Load
see below
+5V
1800
990
* Includes scope and jig capacitance
I/O Pins
CL = 30 pF*
5181024 06
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
WILL BE
STEADY
MAY CHANGE
FROM H TO L
WILL BE
CHANGING
FROM H TO L
MAY CHANGE
FROM L TO H
WILL BE
CHANGING
FROM L TO H
DON'T CARE:
ANY CHANGE
PERMITTED
CHANGING:
STATE
UNKNOWN
DOES NOT
APPLY
CENTER
LINE IS HIGH
IMPEDANCE
“OFF” STATE


Similar Part No. - V62C5181024L-70WI

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
V62C5181024LL-70P SAMSUNG-V62C5181024LL-70P Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
More results

Similar Description - V62C5181024L-70WI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com