Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM2306GNDYPKC Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM2306GNDYPKC
Description  Dual High-Efficiency PWM Step-Down DC-DC Coverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2306GNDYPKC Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM2306GNDYPKC Datasheet HTML 1Page - Power Analog Micoelectronics PAM2306GNDYPKC Datasheet HTML 2Page - Power Analog Micoelectronics PAM2306GNDYPKC Datasheet HTML 3Page - Power Analog Micoelectronics PAM2306GNDYPKC Datasheet HTML 4Page - Power Analog Micoelectronics PAM2306GNDYPKC Datasheet HTML 5Page - Power Analog Micoelectronics PAM2306GNDYPKC Datasheet HTML 6Page - Power Analog Micoelectronics PAM2306GNDYPKC Datasheet HTML 7Page - Power Analog Micoelectronics PAM2306GNDYPKC Datasheet HTML 8Page - Power Analog Micoelectronics PAM2306GNDYPKC Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Pin No.
Pin Name
Pin Function
1
VIN2
Power Input of Channel 2
.
2
LX2
Pin for Switching of Channel 2
.
3
,9,
Exposed Pad
GND
Ground
.The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation
.
4
FB1
Feedback of Channel 1
.
5
,11
NC1
,NC2
No Connection
6
EN1
Chip Enable of Channel 1
(Active High).VEN1≤VIN1.
7
VIN1
Power Input of Channel 1
.
8
LX1
Pin for Switching of Channel 1
.
10
FB2
Feedback of Channel 2
.
12
EN2
Chip Enable of Channel 2
(Active High). VEN2≤VIN2.
PAM2306
Dual High-Efficiency PWM Step-Down DC-DC Coverter
3
,
Power Analog Microelectronics Inc
www.poweranalog.com
07/2008 Rev 1.0
Pin Configuration and Marking Information
TOP VIEW
WDFN
-12L 3x3
v:
v :
Output Voltage 2
(refer to “Ordering
Information”)
X:
Internal Code
Y:
Year
W: Week
1
2
Output Voltage 1
VIN2
LX2
N1
C
F1
B
E2
N
N2
C
F2
B
L1
X
GND
GND
E1
N
VIN1
11
10
9
1
2
3
4
5
12
67
8
GND
2306v v
XXXYW
12
(Exposed Pad)


Similar Part No. - PAM2306GNDYPKC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
PAM2306AYP DIODES-PAM2306AYP Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306AYPKE DIODES-PAM2306AYPKE Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
logo
Power Analog Micoelectr...
PAM2306D PAM-PAM2306D Datasheet
336Kb / 13P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
More results

Similar Description - PAM2306GNDYPKC

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2308 PAM-PAM2308 Datasheet
408Kb / 15P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
PAM2306D PAM-PAM2306D Datasheet
336Kb / 13P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
PAM2319 PAM-PAM2319 Datasheet
301Kb / 13P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306D DIODES-PAM2306D Datasheet
358Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM5202 HMSEMI-HM5202 Datasheet
660Kb / 8P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT8020E RICHTEK-RT8020E Datasheet
276Kb / 14P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com