Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LS641FPEL Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LS641FPEL
Description  Octal Bus Transceivers (non-inverted open-collector outputs)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS641FPEL Datasheet(HTML) 6 Page - Renesas Technology Corp

  HD74LS641FPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LS641FPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LS641FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LS641FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LS641FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LS641FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LS641FPEL Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HD74LS641
Rev.2.00, Feb.18.2005, page 6 of 6
Package Dimensions
7.62
DP-20NEV
RENESAS Code
JEITA Package Code
Previous Code
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
24.50
6.30
5.08
MASS[Typ.]
1.26g
A
Z
b
D
E
A
b
c
θ
e
L
1
1
p
3
e
0.51
0.56
1.30
0.19
0.25
0.31
2.29
2.54
2.79
15
°
PRDP0020AC-B
P-DIP20-6.3x24.5-2.54
25.40
7.00
0.40
0.48
1.27
2.54
1
p
3
1
10
20
11
e
b
Z
e
c
D
b
0.89
θ
( Ni/Pd/Au plating )
0.80
0.15
1.27
7.50
8.00
0.40
0.34
p
A 1
13.0
FP-20DAV
RENESAS Code
JEITA Package Code
Previous Code
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
2.20
0.90
0.70
0.50
5.50
0.20
0.10
0.00
0.46
0.25
0.20
0.15
7.80
8
°
0
°
0.12
1.15
12.60
0.31g
MASS[Typ.]
1
E
1
1
2
L
Z
H
y
x
θ
c
b
A
E
D
b
c
e
e
L
A
P-SOP20-5.5x12.6-1.27
PRSP0020DD-B
20
11
10
F
*1
*3
p
M
x
y
1
Index mark
D
b
Z
Terminal cross section
( Ni/Pd/Au plating )
p
b
1
Detail F
L
L
θ
NOTE)
1. DIMENSIONS"*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"*3"DOES NOT
INCLUDE TRIM OFFSET.


Similar Part No. - HD74LS641FPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS641 HITACHI-HD74LS641 Datasheet
65Kb / 6P
   Octal Bus Transceivers(non-inverted open-collector outputs)
HD74LS641 HITACHI-HD74LS641 Datasheet
6Mb / 273P
   Ouadruple 2-input Positive NAND Gates
HD74LS641-1 HITACHI-HD74LS641-1 Datasheet
52Kb / 4P
   Octal Bus Transceivers(non-inverted open-collector outpurs)
HD74LS641-1 HITACHI-HD74LS641-1 Datasheet
6Mb / 273P
   Ouadruple 2-input Positive NAND Gates
logo
Renesas Technology Corp
HD74LS641-1 RENESAS-HD74LS641-1 Datasheet
177Kb / 6P
   Octal Bus Transceiver(non-inverted open-collector outputs)
More results

Similar Description - HD74LS641FPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS641 HITACHI-HD74LS641 Datasheet
65Kb / 6P
   Octal Bus Transceivers(non-inverted open-collector outputs)
logo
Renesas Technology Corp
HD74LS642 RENESAS-HD74LS642 Datasheet
73Kb / 7P
   Octal Bus Transceivers (inverted open-collector outputs)
logo
Hitachi Semiconductor
HD74LS642-1 HITACHI-HD74LS642-1 Datasheet
52Kb / 4P
   Octal Bus Transceivers(inverted open-collector outputs)
HD74LS642 HITACHI-HD74LS642 Datasheet
65Kb / 6P
   Octal Bus Transceivers(inverted open-collector outputs)
HD74LS641-1 HITACHI-HD74LS641-1 Datasheet
52Kb / 4P
   Octal Bus Transceivers(non-inverted open-collector outpurs)
logo
Renesas Technology Corp
HD74LS641-1 RENESAS-HD74LS641-1 Datasheet
177Kb / 6P
   Octal Bus Transceiver(non-inverted open-collector outputs)
logo
Texas Instruments
SN74ALS641A TI-SN74ALS641A_07 Datasheet
496Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
logo
Hitachi Semiconductor
HD74LS645-1 HITACHI-HD74LS645-1 Datasheet
59Kb / 5P
   Octal Bus Transceivers(non-inverted-3state outputs)
logo
Texas Instruments
SN74ALS641A TI-SN74ALS641A Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54F621 TI-SN54F621 Datasheet
74Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com