Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN58X24128I Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HN58X24128I
Description  Two-wire serial interface 128k EEPROM (16-kword8-bit) 256k EEPROM (32-kword8-bit)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58X24128I Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HN58X24128I Datasheet HTML 6Page - Renesas Technology Corp HN58X24128I Datasheet HTML 7Page - Renesas Technology Corp HN58X24128I Datasheet HTML 8Page - Renesas Technology Corp HN58X24128I Datasheet HTML 9Page - Renesas Technology Corp HN58X24128I Datasheet HTML 10Page - Renesas Technology Corp HN58X24128I Datasheet HTML 11Page - Renesas Technology Corp HN58X24128I Datasheet HTML 12Page - Renesas Technology Corp HN58X24128I Datasheet HTML 13Page - Renesas Technology Corp HN58X24128I Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
HN58X24128I/HN58X24256I
Rev.4.00, Dec.14.2004, page 10 of 20
Acknowledge
All addresses and data words are serially transmitted to and from in 8-bit words. The receiver sends a zero
to acknowledge that it has received each word. This happens during ninth clock cycle. The transmitter
keeps bus open to receive acknowledgment from the receiver at the ninth clock. In the write operation,
EEPROM sends a zero to acknowledge after receiving every 8-bit words. In the read operation, EEPROM
sends a zero to acknowledge after receiving the device address word. After sending read data, the
EEPROM waits acknowledgment by keeping bus open. If the EEPROM receives zero as an acknowledge,
it sends read data of next address. If the EEPROM receives acknowledgment "1" (no acknowledgment)
and a following stop condition, it stops the read operation and enters a stand-by mode. If the EEPROM
receives neither acknowledgment "0" nor a stop condition, the EEPROM keeps bus open without sending
read data.
Acknowledge Timing Waveform
SCL
SDA IN
SDA OUT
12
8
9
Acknowledge
out


Similar Part No. - HN58X24128I

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58X24128I HITACHI-HN58X24128I Datasheet
69Kb / 22P
   Two-wire serial interface, 128k EEPROM (16-kword x 8-bit), 256k EEPROM (32-kword x 8-bit)
More results

Similar Description - HN58X24128I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X25128FPIAG RENESAS-HN58X25128FPIAG_15 Datasheet
273Kb / 21P
   Serial Peripheral Interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
HN58X24256AS RENESAS-HN58X24256AS Datasheet
389Kb / 22P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24256BSAS0A RENESAS-R1EX24256BSAS0A Datasheet
999Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24256ASAS0I RENESAS-R1EX24256ASAS0I_10 Datasheet
725Kb / 26P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24256ASA00I RENESAS-R1EX24256ASA00I Datasheet
173Kb / 22P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24256BSAS0I RENESAS-R1EX24256BSAS0I Datasheet
997Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24256ASAS0I RENESAS-R1EX24256ASAS0I Datasheet
181Kb / 24P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24128BSAS0I RENESAS-R1EX24128BSAS0I Datasheet
999Kb / 18P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit)
R1EX24128BSAS0I RENESAS-R1EX24128BSAS0I_15 Datasheet
311Kb / 18P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit)
R1EX24128ASAS0A RENESAS-R1EX24128ASAS0A Datasheet
183Kb / 24P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com