Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74SSTV32852 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74SSTV32852
Description  24-bit to 48-bit Registered Buffer with SSTL_2 Inputs and Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74SSTV32852 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74SSTV32852 Datasheet HTML 1Page - Renesas Technology Corp HD74SSTV32852 Datasheet HTML 2Page - Renesas Technology Corp HD74SSTV32852 Datasheet HTML 3Page - Renesas Technology Corp HD74SSTV32852 Datasheet HTML 4Page - Renesas Technology Corp HD74SSTV32852 Datasheet HTML 5Page - Renesas Technology Corp HD74SSTV32852 Datasheet HTML 6Page - Renesas Technology Corp HD74SSTV32852 Datasheet HTML 7Page - Renesas Technology Corp HD74SSTV32852 Datasheet HTML 8Page - Renesas Technology Corp HD74SSTV32852 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.4.00 Apr 07, 2006 page 1 of 8
HD74SSTV32852
24-bit to 48-bit Registered Buffer with SSTL_2 Inputs and Outputs
REJ03D0833-0400
(Previous: ADE-205-687C)
Rev.4.00
Apr 07, 2006
Description
The HD74SSTV32852 is a 24-bit to 48-bit registered buffer designed for 2.3 V to 2.7 V Vcc operation and LVCMOS
reset (
RESET) input / SSTL_2 data (D) inputs and CLK input.
Data flow from D to QA, QB is controlled by differential clock pins (CLK,
CLK) and the RESET. Data is triggered on
the positive edge of the positive clock (CLK), and the negative clock (
CLK) must be used to maintain noise margins.
When
RESET is low, all registers are reset and all outputs are low.
To ensure defined outputs from the register before a stable clock has been supplied,
RESET must be held in the low
state during power up.
Features
• Supports LVCMOS reset (RESET) input / SSTL_2 data (D) inputs and CLK input
• Differential SSTL_2 (Stub series terminated logic) CLK signal
• Pinout optimizes DIMM PCB layout
• Ordering Information
Part Name
Package Type
Package Code
(Previous code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74SSTV32852LBEL
LFBGA-114pin
PLBG0114GA-A
(BP-114V)
LB
EL (1,000 pcs / Reel)
Function Table
Inputs
Outputs
RESET *2
CLK
CLK
D
QA
QB
L
X or floating
X or floating
X or floating
L
L
H
H
H
H
H
L
L
L
H
L or H
H or L
X
Q0
*1
Q0
*1
H :
High level
L :
Low level
X :
Immaterial
↑ :
Low to high transition
↓ :
High to low transition
Notes: 1. Output level before the indicated steady state input conditions were established.
2. See under the figure.


Similar Part No. - HD74SSTV32852

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74SSTV16842 RENESAS-HD74SSTV16842 Datasheet
1Mb / 7P
   11-bit to 22-bit Buffer with SSTL_2 Inputs and Outputs
HD74SSTV16842TEL RENESAS-HD74SSTV16842TEL Datasheet
1Mb / 7P
   11-bit to 22-bit Buffer with SSTL_2 Inputs and Outputs
logo
Hitachi Semiconductor
HD74SSTV16857 HITACHI-HD74SSTV16857 Datasheet
138Kb / 15P
   1:1 14-bit SSTL-2 Registered Buffer
logo
Renesas Technology Corp
HD74SSTV16857 RENESAS-HD74SSTV16857 Datasheet
252Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857A RENESAS-HD74SSTV16857A Datasheet
215Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
More results

Similar Description - HD74SSTV32852

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSTV32852-EP TI1-SN74SSTV32852-EP Datasheet
374Kb / 10P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32852 TI-SN74SSTV32852 Datasheet
270Kb / 10P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32852 TI1-SN74SSTV32852_09 Datasheet
433Kb / 12P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTVF32852 TI-SN74SSTVF32852 Datasheet
285Kb / 7P
[Old version datasheet]   24-BIT TO 48-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV16857 TI1-SN74SSTV16857_13 Datasheet
902Kb / 12P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32877 TI1-SN74SSTV32877 Datasheet
392Kb / 12P
[Old version datasheet]   26-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTV32867-EP TI1-SN74SSTV32867-EP Datasheet
359Kb / 11P
[Old version datasheet]   26-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND LVCMOS OUTPUTS
logo
Renesas Technology Corp
HD74SSTV16842 RENESAS-HD74SSTV16842 Datasheet
1Mb / 7P
   11-bit to 22-bit Buffer with SSTL_2 Inputs and Outputs
logo
Alliance Semiconductor ...
ASM4SSTVF32852 ALSC-ASM4SSTVF32852 Datasheet
105Kb / 13P
   DDR 24-Bit to 48-Bit Registered Buffer
logo
Integrated Circuit Syst...
ICS32852 ICST-ICS32852 Datasheet
126Kb / 7P
   DDR 24-Bit to 48-Bit Registered Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com