Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LVC74TELL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LVC74TELL
Description  Dual D-type Flip Flops with Preset and Clear
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC74TELL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LVC74TELL Datasheet HTML 1Page - Renesas Technology Corp HD74LVC74TELL Datasheet HTML 2Page - Renesas Technology Corp HD74LVC74TELL Datasheet HTML 3Page - Renesas Technology Corp HD74LVC74TELL Datasheet HTML 4Page - Renesas Technology Corp HD74LVC74TELL Datasheet HTML 5Page - Renesas Technology Corp HD74LVC74TELL Datasheet HTML 6Page - Renesas Technology Corp HD74LVC74TELL Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HD74LVC74
Rev.4.00 Jul. 22, 2004 page 4 of 6
Switching Characteristics
Ta = –40 to 85°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
From
(Input)
To
(Output)
2.7
150.0
3.3±0.3
150.0
Maximum clock frequency
fmax
5.0±0.5
150.0
MHz
2.7
6.0
9.0
3.3±0.3
1.5
5.0
8.0
tPLH
tPHL
5.0±0.5
4.0
6.5
ns
CLK
Q,
Q
2.7
6.5
9.0
3.3±0.3
1.5
5.0
8.0
Propagation delay time
tPLH
tPHL
5.0±0.5
4.0
6.5
ns
PR or CLR Q,
Q
2.7
4.0
3.3±0.3
3.0
Setup time
tsu
5.0±0.5
3.0
ns
2.7
2.0
3.3±0.3
2.0
Hold time
th
5.0±0.5
2.0
ns
2.7
4.0
3.3±0.3
4.0
5.0±0.5
4.0
CK
2.7
6.0
3.3±0.3
5.0
Pulse width
tw
5.0±0.5
4.0
ns
PR or CLR
2.7
3.0
3.3±0.3
2.0
Recovery time
trec
5.0±0.5
2.0
ns
Input capacitance
CIN
2.7
3.0
pF
Output capacitance
CO
2.7
15.0
pF
Test Circuit
Input
Input
Pulse Generator
Z
= 50
out
Z
= 50
out
VCC
PR
D
CK
CLR
Q
Output Q
C =
50 pF
L
50
Scope
450
C =
50 pF
L
50
Scope
450
Q
Output Q
Pulse Generator
Notes:
1.
CL includes probe and jig capacitance.
2.
Test is put into the each flip flops.


Similar Part No. - HD74LVC74TELL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC74 HITACHI-HD74LVC74 Datasheet
48Kb / 9P
   Dual D-type Flip Flops with Preset and Clear
More results

Similar Description - HD74LVC74TELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC74 RENESAS-HD74HC74 Datasheet
108Kb / 8P
   Dual D-type Flip-Flops (with Preset and Clear)
RD74LVC74B RENESAS-RD74LVC74B Datasheet
112Kb / 9P
   Dual D-type Flip Flops with Preset and Clear
logo
Hitachi Semiconductor
HD74LVC74 HITACHI-HD74LVC74 Datasheet
48Kb / 9P
   Dual D-type Flip Flops with Preset and Clear
HD74HC74 HITACHI-HD74HC74 Datasheet
58Kb / 9P
   Dual D-type Flip-Flops (with Preset and Clear)
logo
Renesas Technology Corp
RD74LVC74B RENESAS-RD74LVC74B_15 Datasheet
131Kb / 11P
   Dual D-type Flip Flops with Preset and Clear
HD74LV74A RENESAS-HD74LV74A Datasheet
83Kb / 10P
   Dual D-type Flip Flops with Preset and Clear
logo
Hitachi Semiconductor
HD74LV74A HITACHI-HD74LV74A Datasheet
66Kb / 16P
   Dual D-type Flip Flops with Preset and Clear
logo
Renesas Technology Corp
HD74HC74 RENESAS-HD74HC74_15 Datasheet
169Kb / 10P
   Dual D-type Flip-Flops (with Preset and Clear)
logo
Aeroflex Circuit Techno...
UT54ACTS74E AEROFLEX-UT54ACTS74E Datasheet
131Kb / 9P
   Dual D Flip-Flops with Clear and Preset
UT54ACS74 AEROFLEX-UT54ACS74 Datasheet
238Kb / 10P
   Dual D Flip-Flops with Clear & Preset
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com