Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ549L Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SJ549L
Description  Silicon P Channel MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ549L Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SJ549L Datasheet HTML 1Page - Renesas Technology Corp 2SJ549L Datasheet HTML 2Page - Renesas Technology Corp 2SJ549L Datasheet HTML 3Page - Renesas Technology Corp 2SJ549L Datasheet HTML 4Page - Renesas Technology Corp 2SJ549L Datasheet HTML 5Page - Renesas Technology Corp 2SJ549L Datasheet HTML 6Page - Renesas Technology Corp 2SJ549L Datasheet HTML 7Page - Renesas Technology Corp 2SJ549L Datasheet HTML 8Page - Renesas Technology Corp 2SJ549L Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.4.00 Jun 05, 2006 page 1 of 8
2SJ549(L), 2SJ549(S)
Silicon P Channel MOS FET
REJ03G0896-0400
Rev.4.00
Jun 05, 2006
Description
High speed power switching
Features
• Low on-resistance
RDS (on) = 0.11
Ω typ.
• Low drive current
• 4 V gate drive devices
• High speed switching
Outline
RENESAS Package code: PRSS0004AE-A
(Package name: LDPAK (L) )
RENESAS Package code: PRSS0004AE-B
(Package name: LDPAK (S)-(1) )
1. Gate
2. Drain
3. Source
4. Drain
D
G
S
1
2
3
4
1
2
3
4


Similar Part No. - 2SJ549L

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ549L HITACHI-2SJ549L Datasheet
56Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
More results

Similar Description - 2SJ549L

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com