Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ549 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SJ549
Description  Silicon P Channel MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ549 Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SJ549 Datasheet HTML 1Page - Renesas Technology Corp 2SJ549 Datasheet HTML 2Page - Renesas Technology Corp 2SJ549 Datasheet HTML 3Page - Renesas Technology Corp 2SJ549 Datasheet HTML 4Page - Renesas Technology Corp 2SJ549 Datasheet HTML 5Page - Renesas Technology Corp 2SJ549 Datasheet HTML 6Page - Renesas Technology Corp 2SJ549 Datasheet HTML 7Page - Renesas Technology Corp 2SJ549 Datasheet HTML 8Page - Renesas Technology Corp 2SJ549 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2SJ549(L), 2SJ549(S)
Rev.4.00 Jun 05, 2006 page 2 of 8
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Drain to source voltage
VDSS
–60
V
Gate to source voltage
VGSS
±20
V
Drain current
ID
–12
A
Drain peak current
ID (pulse)
Note 1
–48
A
Body to drain diode reverse drain current
IDR
–12
A
Avalanche current
IAP
Note 3
–12
A
Avalanche energy
EAR
Note 3
12
mJ
Channel dissipation
Pch
Note 2
50
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value at Tc = 25
°C
3. Value at Tch = 25
°C, Rg ≥ 50 Ω
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V (BR) DSS
–60
V
ID = –10 mA, VGS = 0
Gate to source breakdown voltage
V (BR) GSS
±20
V
IG =
±100 µA, VDS = 0
Zero gate voltage drain current
IDSS
–10
µA
VDS = –60 V, VGS = 0
Gate to source leak current
IGSS
±10
µA
VGS =
±16 V, VDS = 0
Gate to source cutoff voltage
VGS (off)
–1.0
–2.0
V
ID = –1 mA, VDS = –10 V
RDS (on)
0.11
0.15
ID = –6 A, VGS = –10 V
Note 4
Static drain to source on state resistance
RDS (on)
0.16
0.23
ID = –6 A, VGS = –4 V
Note 4
Forward transfer admittance
|yfs|
5
8
S
ID = –6 A, VDS = –10 V
Note 4
Input capacitance
Ciss
580
pF
Output capacitance
Coss
300
pF
Reverse transfer capacitance
Crss
85
pF
VDS = –10 V
VGS = 0
f = 1 MHz
Turn-on delay time
td (on)
10
ns
Rise time
tr
55
ns
Turn-off delay time
td (off)
85
ns
Fall time
tf
60
ns
VGS = –10 V
ID = –6 A
RL = 6
Body to drain diode forward voltage
VDF
–1.2
V
IF = –12 A, VGS = 0
Body to drain diode reverse recovery time
trr
60
ns
IF = –12 A, VGS = 0
diF/dt = 50 A/
µs
Note:
4. Pulse test


Similar Part No. - 2SJ549

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ549 HITACHI-2SJ549 Datasheet
56Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SJ549(L) RENESAS-2SJ549(L)_15 Datasheet
116Kb / 11P
   Silicon P Channel MOS FET
logo
Hitachi Semiconductor
2SJ549L HITACHI-2SJ549L Datasheet
56Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ549S HITACHI-2SJ549S Datasheet
56Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
More results

Similar Description - 2SJ549

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com