Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LVC1G58CLE Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74LVC1G58CLE
Description  Configurable Multiple-Function Gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC1G58CLE Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74LVC1G58CLE Datasheet HTML 2Page - Renesas Technology Corp HD74LVC1G58CLE Datasheet HTML 3Page - Renesas Technology Corp HD74LVC1G58CLE Datasheet HTML 4Page - Renesas Technology Corp HD74LVC1G58CLE Datasheet HTML 5Page - Renesas Technology Corp HD74LVC1G58CLE Datasheet HTML 6Page - Renesas Technology Corp HD74LVC1G58CLE Datasheet HTML 7Page - Renesas Technology Corp HD74LVC1G58CLE Datasheet HTML 8Page - Renesas Technology Corp HD74LVC1G58CLE Datasheet HTML 9Page - Renesas Technology Corp HD74LVC1G58CLE Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HD74LVC1G58
Rev.3.00 Jun. 29, 2004 page 7 of 9
Input
In phase output
90%
10%
tPLH
tPHL
VI
GND
VOH
VOL
tPHL
tPLH
90%
Vref
Vref
Vref
Vref
Vref
Vref
10%
• Waveforms
Out of phase output
VOH
VOL
Notes: 1. Input waveform : PRR
≤ 10 MHz, Zo = 50 Ω.
2. The output are measured one at a time with one transition per measurement.
tr
tf
1.8±0.15
2.5±0.2
3.3±0.3
5.0±0.5
VI
CL
RL
VCC
VCC / 2
VCC / 2
VCC / 2
Vref
VCC (V)
≤ 2 ns
≤ 2 ns
≤ 2.5 ns
≤ 2.5 ns
VCC
VCC
3 V
30 pF
1.0 k
500
500
500
30 pF
50 pF
50 pF
1.5 V
INPUTS
tr / tf


Similar Part No. - HD74LVC1G58CLE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
HD74LVC1G53CLE RENESAS-HD74LVC1G53CLE Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
HD74LVC1G53CPE RENESAS-HD74LVC1G53CPE Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
HD74LVC1G57 RENESAS-HD74LVC1G57 Datasheet
114Kb / 10P
   HD74LVC1G57
HD74LVC1G57CLE RENESAS-HD74LVC1G57CLE Datasheet
114Kb / 10P
   HD74LVC1G57
More results

Similar Description - HD74LVC1G58CLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
74AUP1G57 DIODES-74AUP1G57 Datasheet
759Kb / 16P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G57_1107 DIODES-74LVC1G57_1107 Datasheet
341Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com