Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV4040ARPEL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LV4040ARPEL
Description  12-stage Binary Counter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV4040ARPEL Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LV4040ARPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LV4040ARPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LV4040ARPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LV4040ARPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LV4040ARPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LV4040ARPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LV4040ARPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LV4040ARPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LV4040ARPEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
HD74LV4040A
Rev.2.00 Jul. 20, 2004 page 3 of 10
Recommended Operating Conditions
Item
Symbol
Min
Max
Unit
Conditions
Supply voltage range
VCC
2.0
5.5
V
Input voltage range
VI
05.5
V
Output voltage range
VO
0VCC
VH or L
–50
µAVCC = 2.0 V
—–2
VCC = 2.3 to 2.7 V
—–6
VCC = 3.0 to 3.6 V
IOH
–12
mA
VCC = 4.5 to 5.5 V
—50
µAVCC = 2.0 V
—2
VCC = 2.3 to 2.7 V
—6
VCC = 3.0 to 3.6 V
Output current
IOL
—12
mA
VCC = 4.5 to 5.5 V
0
200
VCC = 2.3 to 2.7 V
0
100
VCC = 3.0 to 3.6 V
Input transition rise or fall rate
∆t /∆v
020
ns/V
VCC = 4.5 to 5.5 V
Operating free-air temperature
Ta
–40
85
°C
Note: Unused or floating inputs must be held high or low.


Similar Part No. - HD74LV4040ARPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV4040ARPEL RENESAS-HD74LV4040ARPEL Datasheet
205Kb / 13P
   12-stage Binary Counter
More results

Similar Description - HD74LV4040ARPEL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
logo
Renesas Technology Corp
HD74HC4040 RENESAS-HD74HC4040 Datasheet
93Kb / 7P
   12-stage Binary Counter
logo
STMicroelectronics
M74HC4040 STMICROELECTRONICS-M74HC4040 Datasheet
356Kb / 11P
   12 STAGE BINARY COUNTER
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040_07 Datasheet
333Kb / 9P
   12-Stage Binary Counter
logo
Hitachi Semiconductor
HD74HC4040 HITACHI-HD74HC4040 Datasheet
54Kb / 9P
   12-stage Binary Counter
logo
Renesas Technology Corp
HD74HC4040 RENESAS-HD74HC4040_15 Datasheet
113Kb / 9P
   12-stage Binary Counter
HD74LV4040A RENESAS-HD74LV4040A_15 Datasheet
205Kb / 13P
   12-stage Binary Counter
logo
NXP Semiconductors
HEF4040B PHILIPS-HEF4040B Datasheet
42Kb / 5P
   12-stage binary counter
January 1995
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040 Datasheet
67Kb / 7P
   12-Stage Binary Counter
logo
Hitachi Semiconductor
HD74LV4040A HITACHI-HD74LV4040A Datasheet
95Kb / 17P
   12-stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com