Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV4040A Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74LV4040A
Description  12-stage Binary Counter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV4040A Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74LV4040A Datasheet HTML 3Page - Renesas Technology Corp HD74LV4040A Datasheet HTML 4Page - Renesas Technology Corp HD74LV4040A Datasheet HTML 5Page - Renesas Technology Corp HD74LV4040A Datasheet HTML 6Page - Renesas Technology Corp HD74LV4040A Datasheet HTML 7Page - Renesas Technology Corp HD74LV4040A Datasheet HTML 8Page - Renesas Technology Corp HD74LV4040A Datasheet HTML 9Page - Renesas Technology Corp HD74LV4040A Datasheet HTML 10Page - Renesas Technology Corp HD74LV4040A Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
HD74LV4040A
Rev.2.00 Jul. 20, 2004 page 7 of 10
Switching Characteristics (Cont.)
VCC = 5.0 ± 0.5 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
150
210
125
CL = 15 pF
Maximum
clock frequency
fmax
95
125
80
MHz
CL = 50 pF
4.8
7.3
1.0
8.5
CL = 15 pF
tPLH/tPHL
6.3
9.3
1.0
10.5
CL = 50 pF
CLK
5.6
8.6
1.0
10.0
CL = 15 pF
Propagation
delay time
tPHL
7.1
10.6
1.0
12.0
ns
CL = 50 pF
CLR
Q1
Propagation
delay time skew
∆tpd
1.6
3.1
3.5
ns
CL = 50 pF
Qn
Qn + 1
Setup time
tSU
5.0
5.0
ns
CLR inactive before
CLK ↓
5.0
5.0
CLK high or low
Pulse width
tw
5.0
5.0
ns
CLR high
Operating Characteristics
CL = 50 pF
Ta = 25°C
Item
Symbol
VCC = (V)
Min
Typ
Max
Unit
Test Conditions
3.3
17.3
Power dissipation capacitance
CPD
5.0
19.0
pF
f = 10 MHz
Noise Characteristics
CL = 50 pF
Ta = 25°C
Item
Symbol
VCC = (V)
Min
Typ
Max
Unit
Test Conditions
Quiet output, maximum
dynamic VOL
VOL (P)
3.3
0.4
0.8
V
Quiet output, minimum
dynamic VOL
VOL (V)
3.3
–0.5
–0.8
V
Quiet output, minimum
dynamic VOH
VOH (V)
3.3
3.0
V
High-level dynamic input
voltage
VIH (D)
3.3
2.31
——V
Low-level dynamic input
voltage
VIL (D)
3.3
——0.99
V


Similar Part No. - HD74LV4040A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV4040A HITACHI-HD74LV4040A Datasheet
95Kb / 17P
   12-stage Binary Counter
logo
Renesas Technology Corp
HD74LV4040AFPEL RENESAS-HD74LV4040AFPEL Datasheet
205Kb / 13P
   12-stage Binary Counter
HD74LV4040ARPEL RENESAS-HD74LV4040ARPEL Datasheet
205Kb / 13P
   12-stage Binary Counter
HD74LV4040ATELL RENESAS-HD74LV4040ATELL Datasheet
205Kb / 13P
   12-stage Binary Counter
HD74LV4040A RENESAS-HD74LV4040A_15 Datasheet
205Kb / 13P
   12-stage Binary Counter
More results

Similar Description - HD74LV4040A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
logo
Renesas Technology Corp
HD74HC4040 RENESAS-HD74HC4040 Datasheet
93Kb / 7P
   12-stage Binary Counter
logo
STMicroelectronics
M74HC4040 STMICROELECTRONICS-M74HC4040 Datasheet
356Kb / 11P
   12 STAGE BINARY COUNTER
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040_07 Datasheet
333Kb / 9P
   12-Stage Binary Counter
logo
Hitachi Semiconductor
HD74HC4040 HITACHI-HD74HC4040 Datasheet
54Kb / 9P
   12-stage Binary Counter
logo
Renesas Technology Corp
HD74HC4040 RENESAS-HD74HC4040_15 Datasheet
113Kb / 9P
   12-stage Binary Counter
HD74LV4040A RENESAS-HD74LV4040A_15 Datasheet
205Kb / 13P
   12-stage Binary Counter
logo
NXP Semiconductors
HEF4040B PHILIPS-HEF4040B Datasheet
42Kb / 5P
   12-stage binary counter
January 1995
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040 Datasheet
67Kb / 7P
   12-Stage Binary Counter
logo
Hitachi Semiconductor
HD74LV4040A HITACHI-HD74LV4040A Datasheet
95Kb / 17P
   12-stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com