Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV540ATELL Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LV540ATELL
Description  Octal Inverted Buffers / Drivers with 3-state Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV540ATELL Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LV540ATELL Datasheet HTML 1Page - Renesas Technology Corp HD74LV540ATELL Datasheet HTML 2Page - Renesas Technology Corp HD74LV540ATELL Datasheet HTML 3Page - Renesas Technology Corp HD74LV540ATELL Datasheet HTML 4Page - Renesas Technology Corp HD74LV540ATELL Datasheet HTML 5Page - Renesas Technology Corp HD74LV540ATELL Datasheet HTML 6Page - Renesas Technology Corp HD74LV540ATELL Datasheet HTML 7Page - Renesas Technology Corp HD74LV540ATELL Datasheet HTML 8Page - Renesas Technology Corp HD74LV540ATELL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HD74LV540A
Rev.2.00 Jun. 28, 2004 page 5 of 9
Switching Characteristics
VCC = 2.5 ± 0.2 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
7.4
12.0
1.0
14.5
CL = 15 pF
Propagation
delay time
tPLH
tPHL
9.3
16.8
1.0
18.5
ns
CL = 50 pF
A
Y
8.2
17.4
1.0
21.0
CL = 15 pF
Enable time
tZH
tZL
9.6
22.2
1.0
25.5
ns
CL = 50 pF
OE
Y
7.5
16.0
1.0
19.0
CL = 15 pF
Disable time
tHZ
tLZ
10.5
22.3
1.0
25.5
ns
CL = 50 pF
OE
Y
VCC = 3.3 ± 0.3 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
5.3
7.0
1.0
8.5
CL = 15 pF
Propagation
delay time
tPLH
tPHL
6.8
10.5
1.0
12.0
ns
CL = 50 pF
A
Y
6.2
10.5
1.0
12.5
CL = 15 pF
Enable time
tZH
tZL
7.6
14.0
1.0
16.0
ns
CL = 50 pF
OE
Y
5.3
10.5
1.0
12.5
CL = 15 pF
Disable time
tHZ
tLZ
7.0
15.4
1.0
17.5
ns
CL = 50 pF
OE
Y
VCC = 5.0 ± 0.5 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
3.8
5.0
1.0
6.0
CL = 15 pF
Propagation
delay time
tPLH
tPHL
5.0
7.0
1.0
8.0
ns
CL = 50 pF
A
Y
4.6
7.2
1.0
8.5
CL = 15 pF
Enable time
tZH
tZL
5.8
9.2
1.0
10.5
ns
CL = 50 pF
OE
Y
3.6
6.8
1.0
8.0
CL = 15 pF
Disable time
tHZ
tLZ
5.3
8.8
1.0
10.0
ns
CL = 50 pF
OE
Y
Output-skew Characteristics
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
VCC = (V)
Min
Max
Min
Max
Unit
2.3 to 2.7
2.0
2.0
3.0 to 3.6
1.5
1.5
Output skew
tsk (O)
4.5 to 5.5
1.0
1.0
ns
Note:
Skew between any outputs of the same package switching in the same direction. This parameter is warranted
but not production tested.


Similar Part No. - HD74LV540ATELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV540ATELL RENESAS-HD74LV540ATELL Datasheet
107Kb / 12P
   Octal Inverted Buffers / Drivers with 3-state Outputs
More results

Similar Description - HD74LV540ATELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV540A RENESAS-HD74LV540A_15 Datasheet
107Kb / 12P
   Octal Inverted Buffers / Drivers with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV540A HITACHI-HD74LV540A Datasheet
66Kb / 14P
   Octal Inverted Buffers / Drivers with 3-state Outputs
logo
Renesas Technology Corp
HD74HCT240 RENESAS-HD74HCT240 Datasheet
106Kb / 7P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HCT240 HITACHI-HD74HCT240 Datasheet
59Kb / 9P
   Octal Buffers/Line Drivers/Line Receivers(with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HCT241 RENESAS-HD74HCT241 Datasheet
99Kb / 8P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC240 HITACHI-HD74HC240 Datasheet
61Kb / 10P
   Octal Buffers/Line Drivers/Line Receivers(with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HC240 RENESAS-HD74HC240_15 Datasheet
131Kb / 10P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HC244 RENESAS-HD74HC244_15 Datasheet
129Kb / 10P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HCT244 RENESAS-HD74HCT244_15 Datasheet
122Kb / 9P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HC240 RENESAS-HD74HC240 Datasheet
110Kb / 8P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com