Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM2308EN2YMGG Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # PAM2308EN2YMGG
Description  Dual High-Efficiency PWM Step-Down DC-DC Coverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2308EN2YMGG Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  PAM2308EN2YMGG Datasheet HTML 1Page - Power Analog Micoelectronics PAM2308EN2YMGG Datasheet HTML 2Page - Power Analog Micoelectronics PAM2308EN2YMGG Datasheet HTML 3Page - Power Analog Micoelectronics PAM2308EN2YMGG Datasheet HTML 4Page - Power Analog Micoelectronics PAM2308EN2YMGG Datasheet HTML 5Page - Power Analog Micoelectronics PAM2308EN2YMGG Datasheet HTML 6Page - Power Analog Micoelectronics PAM2308EN2YMGG Datasheet HTML 7Page - Power Analog Micoelectronics PAM2308EN2YMGG Datasheet HTML 8Page - Power Analog Micoelectronics PAM2308EN2YMGG Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
VOUTx
= 1.2V,1.5V,1.8V,2.5V, 2.8V or 3.3V
Figure 2. Fixed Voltage Regulator
Typical Application
PAM2308
Dual High-Efficiency PWM Step-Down DC-DC Coverter
2
,
Power Analog Microelectronics Inc
www.poweranalog.com
07/2008 Rev 1.0
Block Diagram
Ex
N
R1
R2
Fx
B
PWM
COMP
+
-
IAMP
+
-
IRCMP
Lx
X
GND
SYNCHRONOUS
RECTIFIER NCH
()
MAIN
SWITCH PCH
()
VINx
COMP
VIN
SHUTDOWN
OSC
RS LATCH
0 6VREF
.
FREQ
SHIFT
-
+
EA
SQ
RQ
SWITCHING
LOGIC
AND
BLANKING
CIRCUIT
SLOPE
COMP
15M
OSC
.
ANTI
SHOOT
THRU
-
-
EN2
FB2
VIN2
LX2
FB1
PAM2308
GND
LX1
GND
VOUT2
L2
CIN2
10 F
μ
VIN1
EN1
VIN1
4
.7μF
L1
4
.7μF
VOUT1
VIN2
10μF
COUT1
CIN1
COUT2
1
2
9
10
8
5
7
6
3
4


Similar Part No. - PAM2308EN2YMGG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2308BYM DIODES-PAM2308BYM Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
More results

Similar Description - PAM2308EN2YMGG

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2306 PAM-PAM2306 Datasheet
407Kb / 15P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
PAM2306D PAM-PAM2306D Datasheet
336Kb / 13P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
PAM2319 PAM-PAM2319 Datasheet
301Kb / 13P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306D DIODES-PAM2306D Datasheet
358Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM5202 HMSEMI-HM5202 Datasheet
660Kb / 8P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT8020E RICHTEK-RT8020E Datasheet
276Kb / 14P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com