Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV273ATELL Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LV273ATELL
Description  Octal D-type Flip-Flops with Clear
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV273ATELL Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD74LV273ATELL Datasheet HTML 2Page - Renesas Technology Corp HD74LV273ATELL Datasheet HTML 3Page - Renesas Technology Corp HD74LV273ATELL Datasheet HTML 4Page - Renesas Technology Corp HD74LV273ATELL Datasheet HTML 5Page - Renesas Technology Corp HD74LV273ATELL Datasheet HTML 6Page - Renesas Technology Corp HD74LV273ATELL Datasheet HTML 7Page - Renesas Technology Corp HD74LV273ATELL Datasheet HTML 8Page - Renesas Technology Corp HD74LV273ATELL Datasheet HTML 9Page - Renesas Technology Corp HD74LV273ATELL Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HD74LV273A
Rev.3.00 Jun. 25, 2004 page 6 of 9
Output-skew Characteristics
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
VCC = (V)
Min
Max
Min
Max
Unit
2.3 to 2.7
2.0
2.0
3.0 to 3.6
1.5
1.5
Output skew
tsk (O)
4.5 to 5.5
1.0
1.0
ns
Note:
Skew between any outputs of the same package switching in the same direction. This parameter is warranted
but not production tested.
Operating Characteristics
CL = 50 pF
Ta = 25°C
Item
Symbol
VCC = (V)
Min
Typ
Max
Unit
Test Conditions
3.3
15.9
Power dissipation capacitance
CPD
5.0
17.1
pF
f = 10 MHz
Noise Characteristics
CL = 50 pF
Ta = 25°C
Item
Symbol
VCC = (V)
Min
Typ
Max
Unit
Test Conditions
Quiet output, maximum
dynamic VOL
VOL (P)
3.3
0.4
0.8
V
Quiet output, minimum
dynamic VOL
VOL (V)
3.3
–0.4
–0.8
V
Quiet output, minimum
dynamic VOH
VOH (V)
3.3
2.9
V
High-level dynamic input
voltage
VIH (D)
3.3
2.31
——V
Low-level dynamic input
voltage
VIL (D)
3.3
0.99
V
Test Circuit
L
*
Note: C includes the probe and jig capacitance.
Measurement point
C
L


Similar Part No. - HD74LV273ATELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV273ATELL RENESAS-HD74LV273ATELL Datasheet
105Kb / 12P
   Octal D-type Flip-Flops with Clear
More results

Similar Description - HD74LV273ATELL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
1446753 TI-1446753 Datasheet
592Kb / 16P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS273NSR TI-SN74ALS273NSR Datasheet
831Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI1-SN54AHC273_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
SN54HC273 TI1-SN54HC273_16 Datasheet
1Mb / 32P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
logo
Renesas Technology Corp
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
   Octal D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54LV273 TI1-SN54LV273_08 Datasheet
158Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI-SN54HC273 Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC273 FAIRCHILD-MM74HC273 Datasheet
95Kb / 7P
   Octal D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV273 TI-SN54LV273 Datasheet
137Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI-SN54AHC273_08 Datasheet
835Kb / 21P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com