Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STI24NM65N Datasheet(PDF) 1 Page - STMicroelectronics

Part # STI24NM65N
Description  N-channel 650 V - 0.16 廓 - 19 A - TO-220 - TO-220FP - D2PAK I2PAK - TO-247 second generation MDmesh??Power MOSFET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI24NM65N Datasheet(HTML) 1 Page - STMicroelectronics

  STI24NM65N Datasheet HTML 1Page - STMicroelectronics STI24NM65N Datasheet HTML 2Page - STMicroelectronics STI24NM65N Datasheet HTML 3Page - STMicroelectronics STI24NM65N Datasheet HTML 4Page - STMicroelectronics STI24NM65N Datasheet HTML 5Page - STMicroelectronics STI24NM65N Datasheet HTML 6Page - STMicroelectronics STI24NM65N Datasheet HTML 7Page - STMicroelectronics STI24NM65N Datasheet HTML 8Page - STMicroelectronics STI24NM65N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
February 2008
Rev 1
1/19
19
STW24NM65N-STI24NM65N-STF24NM65N
STB24NM65N - STP24NM65N
N-channel 650 V - 0.16
Ω - 19 A - TO-220 - TO-220FP - D2PAK
I2PAK - TO-247 second generation MDmesh™ Power MOSFET
Features
100% avalanche tested
Low input capacitance and gate charge
Low gate input resistance
Application
Switching applications
Description
This series of devices is designed using the
second generation of MDmesh™ technology. This
revolutionary Power MOSFET associates a new
vertical structure to the company’s strip layout to
yield one of the world’s lowest on-resistance and
gate charge. It is therefore suitable for the most
demanding high efficiency converters.
Figure 1.
Internal schematic diagram
Type
VDSS
(@TJmax)
RDS(on) max
ID
STB24NM65N
710 V
< 0.19
19 A
STI24NM65N
710 V
< 0.19
19 A
STF24NM65N
710 V
< 0.19
19 A(1)
1.
Limited only by maximum temperature allowed
STP24NM65N
710 V
< 0.19
19 A
STW24NM65N
710 V
< 0.19
19 A
TO-220
TO-220FP
I²PAK
1
2
3
1
2
3
1
2
3
1
2
3
TO-247
1
3
D²PAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB24NM65N
24NM65N
D²PAK
Tape and reel
STI24NM65N
24NM65N
I²PAK
Tube
STF24NM65N
24NM65N
TO-220FP
Tube
STP24NM65N
24NM65N
TO-220
Tube
STW24NM65N
24NM65N
TO-247
Tube
www.st.com


Similar Part No. - STI24NM65N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STI24NM65N ISC-STI24NM65N Datasheet
358Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STI24NM65N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP21NM60N STMICROELECTRONICS-STP21NM60N_08 Datasheet
562Kb / 18P
   N-channel 600 V - 0.17 廓 - 17 A TO-220 - TO-220FP - D2PAK - I2PAK - TO-247 second generation MDmesh??Power MOSFET
STB23NM60N STMICROELECTRONICS-STB23NM60N Datasheet
554Kb / 19P
   N-channel 600 V - 0.150 廓 - 19 A - D2PAK - I2PAK - TO-220/FP TO-247, second generation MDmesh??Power MOSFET
STB14NM65N STMICROELECTRONICS-STB14NM65N Datasheet
550Kb / 18P
   N-channel 650 V, 0.33 廓, 12 A MDmesh??II Power MOSFET TO-220, TO-220FP, D2PAK, I2PAK, TO-247
STF19NM65N STMICROELECTRONICS-STF19NM65N Datasheet
532Kb / 19P
   N-channel 650 V - 0.25 廓 - 15.5 A - TO-220/FP-D2/I2PAK-TO-247 second generation MDmesh??Power MOSFET
STF42N65M5 STMICROELECTRONICS-STF42N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 廓, 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
STB42N65M5 STMICROELECTRONICS-STB42N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 廓, 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
STF20NM65N STMICROELECTRONICS-STF20NM65N Datasheet
864Kb / 16P
   N-channel 650 V, 0.250 廓, 15 A TO-220, TO-220FP second generation MDmesh??Power MOSFET
May 2011 Rev 2
STD11NM60N-1 STMICROELECTRONICS-STD11NM60N-1_08 Datasheet
623Kb / 21P
   N-channel 600 V - 0.37 廓 - 10 A - TO-220 - TO-220FP- I2PAK - IPAK DPAK - D2PAK second generation MDmesh??Power MOSFET
STB16NM50N STMICROELECTRONICS-STB16NM50N Datasheet
554Kb / 18P
   N-channel 500 V - 0.21 廓 - 15 A MDmesh??II Power MOSFET D2PAK - I2PAK - TO-220 - TO-247- TO-220FP
STX25NM50N STMICROELECTRONICS-STX25NM50N Datasheet
616Kb / 18P
   N-channel 500 V, 0.11 廓, 22 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com