Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD75161A Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD75161A
Description  Octal General Purpose Interface Bus Transceivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD75161A Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD75161A Datasheet HTML 4Page - Renesas Technology Corp HD75161A Datasheet HTML 5Page - Renesas Technology Corp HD75161A Datasheet HTML 6Page - Renesas Technology Corp HD75161A Datasheet HTML 7Page - Renesas Technology Corp HD75161A Datasheet HTML 8Page - Renesas Technology Corp HD75161A Datasheet HTML 9Page - Renesas Technology Corp HD75161A Datasheet HTML 10Page - Renesas Technology Corp HD75161A Datasheet HTML 11Page - Renesas Technology Corp HD75161A Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HD75161A
Rev.2.00, Jul.16.2004, page 9 of 11
Characteristics Of Driver And Receiver
5
0
–10
V
= 5.25 V
CC
T = 25
a
°C
4
3
2
1
0
–20
–30
–40
–50
5.00 V
4.75 V
5
0
–20
V
= 5.25 V
CC
T = 25
a
°C
4
3
2
1
0
–40
–60
–80 –100
5.00 V
4.75 V
0.5
0
10
V
= 5.25 V
CC
T = 25
a
°C
0.4
0.3
0.2
0.1
0
20
30
40
50
V
= 5.00 V
CC
V
= 4.75 V
CC
0.5
0
V
= 5.25 V
CC
T = 25
a
°C
0.4
0.3
0.2
0.1
0
12
18
24
30
V
= 5.00 V
CC
V
= 4.75 V
CC
High Level Output Current IOH (mA)
(a) Driver Output
(b) Driver Output
Low Level Output Current IOL (mA)
High Level Output Current IOH (mA)
(c) Receiver Output
(d) Receiver Output
Low Level Output Current IOL (mA)


Similar Part No. - HD75161A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD75161A HITACHI-HD75161A Datasheet
63Kb / 15P
   Octal General Purpose Interface Bus Transceivers
More results

Similar Description - HD75161A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75161B TI-SN75161B Datasheet
227Kb / 14P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS161 TI-SN55ALS161 Datasheet
222Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS161 TI-SN75ALS161_07 Datasheet
503Kb / 19P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS160 TI-SN55ALS160 Datasheet
192Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Hitachi Semiconductor
HD75161A HITACHI-HD75161A Datasheet
63Kb / 15P
   Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75161BDWR TI-SN75161BDWR Datasheet
980Kb / 22P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS160 TI-SN75ALS160 Datasheet
478Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Renesas Technology Corp
HD75160A RENESAS-HD75160A Datasheet
162Kb / 13P
   Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75ALS161 TI-SN75ALS161_08 Datasheet
532Kb / 19P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS164 TI-SN75ALS164 Datasheet
198Kb / 13P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com