Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD29468 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD29468
Description  Triple Line Drivers/Receivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD29468 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD29468 Datasheet HTML 1Page - Renesas Technology Corp HD29468 Datasheet HTML 2Page - Renesas Technology Corp HD29468 Datasheet HTML 3Page - Renesas Technology Corp HD29468 Datasheet HTML 4Page - Renesas Technology Corp HD29468 Datasheet HTML 5Page - Renesas Technology Corp HD29468 Datasheet HTML 6Page - Renesas Technology Corp HD29468 Datasheet HTML 7Page - Renesas Technology Corp HD29468 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD29468
Rev.2.00, Jul.16.2004, page 4 of 7
Receiver (V
CC = 5.0 V, Ta = 25°C)
Item
Symbol
Min
Max
Unit
Conditions
Rise Propagation Delay Time
t
PLH
7.5
19.5
ns
R
L = 2 KΩ, CL = 15pF
Fall Propagation Delay Time
t
PHL
7.5
19.5
ns
R
L = 2 KΩ, CL = 15pF
Propagation Delay Time Difference*
1
∆t
PD
—10
ns
R
L = 2 KΩ, CL = 15pF
Note:
1.
∆t
PD = |tPLH – tPHL|
Driver
Test Circuit
Output
R =
47.5
L
V
= 5 V
CC
Input
R =
50
L
Pulse Generator
Zout = 50
Waveforms
Input
10 %
90 %
tr
tf
1.3 V
90 %
0 V
3 V
1.3 V
10 %
Output
tPLH
tPHL
1.4 V
1.4 V
VOH
VOL
Notes:
1.
t
r = 15 ns, tf = 6 ns
2.
Input waveforms: PRR = 1 MHz, duty cycle 50%


Similar Part No. - HD29468

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD29468 ETC-HD29468 Datasheet
25Kb / 7P
   Triple Line Drivers / Receivers
More results

Similar Description - HD29468

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD29468 ETC-HD29468 Datasheet
25Kb / 7P
   Triple Line Drivers / Receivers
logo
Unisonic Technologies
UT3238 UTC-UT3238 Datasheet
203Kb / 10P
   LINE DRIVERS/RECEIVERS
logo
Texas Instruments
SN55122 TI-SN55122 Datasheet
102Kb / 7P
[Old version datasheet]   TRIPLE LINE RECEIVERS
SN75C1406 TI-SN75C1406 Datasheet
126Kb / 8P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1406 TI-SN65C1406 Datasheet
148Kb / 9P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
TL145406 TI-TL145406_06 Datasheet
345Kb / 14P
[Old version datasheet]   TRIPLE RS-232 DRIVERS/RECEIVERS
SN65C1406 TI1-SN65C1406_15 Datasheet
794Kb / 19P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
TL145406 TI-TL145406 Datasheet
165Kb / 10P
[Old version datasheet]   TRIPLE RS-232 DRIVERS/RECEIVERS
TL145406 TI1-TL145406_14 Datasheet
675Kb / 18P
[Old version datasheet]   TRIPLE RS-232 DRIVERS/RECEIVERS
SN65C1406 TI-SN65C1406_06 Datasheet
435Kb / 15P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com