Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC458CTZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC458CTZ
Description  Silicon NPN Epitaxial
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC458CTZ Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC458CTZ Datasheet HTML 1Page - Renesas Technology Corp 2SC458CTZ Datasheet HTML 2Page - Renesas Technology Corp 2SC458CTZ Datasheet HTML 3Page - Renesas Technology Corp 2SC458CTZ Datasheet HTML 4Page - Renesas Technology Corp 2SC458CTZ Datasheet HTML 5Page - Renesas Technology Corp 2SC458CTZ Datasheet HTML 6Page - Renesas Technology Corp 2SC458CTZ Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2SC458 (LG), 2SC2310
4
0
50
100
150
Ambient Temperature Ta (
°C)
Maximum Collector Dissipation Curve
300
200
100
Collector to Emitter Voltage VCE (V)
0
Typical Output Characteristics
10
8
6
4
2
25
20
15
10
5
IB = 0
10
µA
20
30
40
50
60
P
C =
200mW
Typical Transfer Characteristics
1
0
2
3
4
5
Base to Emitter Voltage VBE (V)
1.0
0.8
0.6
0.4
0.2
VCE = 12 V
DC Current Transfer Ratio vs.
Collector Current
Collector Current IC (mA)
0.03
0.1
30
0.3
3
1.0
10
0
100
200
300
VCE = 12 V
25
Ta =
75°
C


Similar Part No. - 2SC458CTZ

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC458 HITACHI-2SC458 Datasheet
27Kb / 6P
   Silicon NPN Epitaxial
2SC458 HITACHI-2SC458 Datasheet
47Kb / 9P
   Silicon NPN Epitaxial
2SC458 HITACHI-2SC458 Datasheet
41Kb / 9P
   Silicon NPN Epitaxial
logo
Hitachi Metals, Ltd
2SC458 HITACHI-METALS-2SC458 Datasheet
27Kb / 6P
   Silicon NPN Epitaxial
logo
New Jersey Semi-Conduct...
2SC458 NJSEMI-2SC458 Datasheet
98Kb / 1P
   SILICON NPN
More results

Similar Description - 2SC458CTZ

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com