Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS41L60CT Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPS41L60CT
Description  POWER SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS41L60CT Datasheet(HTML) 6 Page - STMicroelectronics

  STPS41L60CT Datasheet HTML 1Page - STMicroelectronics STPS41L60CT Datasheet HTML 2Page - STMicroelectronics STPS41L60CT Datasheet HTML 3Page - STMicroelectronics STPS41L60CT Datasheet HTML 4Page - STMicroelectronics STPS41L60CT Datasheet HTML 5Page - STMicroelectronics STPS41L60CT Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
STPS41L60CG / STPS41L60CT / STPS41L60CR
6/6
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
STPS41L60CG
STPS41L60CG
D
2PAK
1.48 g
50
Tube
STPS41L60CG-TR
STPS41L60CG
D
2PAK
1.48 g
1000
Tape & reel
STPS41L60CT
STPS41L60CT
TO-220AB
2.20 g
50
Tube
STPS41L60CR
STPS41L60CR
I
2PAK
1.49 g
50
Tube
s
EPOXY MEETS UL94,V0
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written
approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2003 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
PACKAGE MECHANICAL DATA
TO-220AB
A
C
D
L7
Dia
L5
L6
L9
L4
F
H2
G
G1
L2
F2
F1
E
M
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.066
F2
1.14
1.70
0.044
0.066
G
4.95
5.15
0.194
0.202
G1
2.40
2.70
0.094
0.106
H2
10
10.40
0.393
0.409
L2
16.4 typ.
0.645 typ.
L4
13
14
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.20
6.60
0.244
0.259
L9
3.50
3.93
0.137
0.154
M
2.6 typ.
0.102 typ.
Diam.
3.75
3.85
0.147
0.151


Similar Part No. - STPS41L60CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS41L60CT STMICROELECTRONICS-STPS41L60CT Datasheet
141Kb / 8P
   Power Schottky rectifier
More results

Similar Description - STPS41L60CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com