Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN58X2408FPIAG Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HN58X2408FPIAG
Description  Two-wire serial interface 8k EEPROM (1-kword8-bit)/16k EEPROM (2-kword8-bit) 32k EEPROM (4-kword8-bit)/64k EEPROM (8-kword8-bit)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58X2408FPIAG Datasheet(HTML) 1 Page - Renesas Technology Corp

  HN58X2408FPIAG Datasheet HTML 1Page - Renesas Technology Corp HN58X2408FPIAG Datasheet HTML 2Page - Renesas Technology Corp HN58X2408FPIAG Datasheet HTML 3Page - Renesas Technology Corp HN58X2408FPIAG Datasheet HTML 4Page - Renesas Technology Corp HN58X2408FPIAG Datasheet HTML 5Page - Renesas Technology Corp HN58X2408FPIAG Datasheet HTML 6Page - Renesas Technology Corp HN58X2408FPIAG Datasheet HTML 7Page - Renesas Technology Corp HN58X2408FPIAG Datasheet HTML 8Page - Renesas Technology Corp HN58X2408FPIAG Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Rev.3.00, Dec.21.2004, page 1 of 19
HN58X2408FPIAG/HN58X2416FPIAG
HN58X2432FPIAG/HN58X2464FPIAG
Two-wire serial interface
8k EEPROM (1-kword
× 8-bit)/16k EEPROM (2-kword × 8-bit)
32k EEPROM (4-kword
× 8-bit)/64k EEPROM (8-kword × 8-bit)
REJ03C0134-0300
Rev.3.00
Dec.21.2004
Description
HN58X24xxFPIAG series are two-wire serial interface EEPROM (Electrically Erasable and
Programmable ROM). They realize high speed, low power consumption and a high level of reliability by
employing advanced MNOS memory technology and CMOS process and low voltage circuitry technology.
They also have a 32-byte page programming function to make their write operation faster.
Features
• Single supply: 1.8 V to 5.5 V
• Two-wire serial interface (I2CTM serial bus*1)
• Clock frequency: 400 kHz
• Power dissipation:
 Standby: 3 µA (max)
 Active (Read): 1 mA (max)
 Active (Write): 3 mA (max)
• Automatic page write: 32-byte/page
• Write cycle time: 10 ms (2.7 V to 5.5 V)/15ms (1.8 V to 2.7 V)
• Endurance: 105 Cycles (Page write mode)
• Data retention: 10 Years
• Small size packages: SOP-8pin
• Shipping tape and reel: 2,500 IC/reel
• Temperature range: −40 to +85°C
• Lead free products.
Note: 1. I
2C is a trademark of Philips Corporation.


Similar Part No. - HN58X2408FPIAG

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58X2408FPI HITACHI-HN58X2408FPI Datasheet
71Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
logo
Renesas Technology Corp
HN58X2408FPIE RENESAS-HN58X2408FPIE Datasheet
160Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
More results

Similar Description - HN58X2408FPIAG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2408I RENESAS-HN58X2408I Datasheet
160Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
HN58X2408SI RENESAS-HN58X2408SI Datasheet
151Kb / 19P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit) 16k EEPROM (2-kword 횞 8-bit)
HN58X2432SI RENESAS-HN58X2432SI_05 Datasheet
155Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
R1EX25032ASA00I RENESAS-R1EX25032ASA00I_15 Datasheet
274Kb / 22P
   Serial Peripheral Interface 32k EEPROM (4-kword 횞 8-bit) 64k EEPROM (8-kword 횞 8-bit)
R1EV58064BXXN RENESAS-R1EV58064BXXN Datasheet
691Kb / 25P
   64K EEPROM (8-Kword 횞 8-bit)
HN58X24128I RENESAS-HN58X24128I Datasheet
150Kb / 22P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
R1EX24064ASAS0I RENESAS-R1EX24064ASAS0I_15 Datasheet
311Kb / 18P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASA00A RENESAS-R1EX24064ASA00A Datasheet
171Kb / 22P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASAS0A RENESAS-R1EX24064ASAS0A_15 Datasheet
825Kb / 26P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASA00I RENESAS-R1EX24064ASA00I Datasheet
171Kb / 22P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com