Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5248B Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 1N5248B
Description  Silicon Epitaxial Planar Zener Diodes for Voltage Regulation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1N5248B Datasheet(HTML) 2 Page - Renesas Technology Corp

  1N5248B Datasheet HTML 1Page - Renesas Technology Corp 1N5248B Datasheet HTML 2Page - Renesas Technology Corp 1N5248B Datasheet HTML 3Page - Renesas Technology Corp 1N5248B Datasheet HTML 4Page - Renesas Technology Corp 1N5248B Datasheet HTML 5Page - Renesas Technology Corp 1N5248B Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1N5223B through 1N5258B
Rev.3.00 Aug 22, 2005 page 2 of 5
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Power dissipation
Pd
500
mW
Surge power dissipation
Pd (surge) *
1
10
W
Lead temperature
TL *
2
230
°C
Junction temperature
Tj *
3
200
°C
Storage temperature
Tstg
–65 to +200
°C
Notes: 1. Non-recurrent square wave, pw = 8.3 ms, Tj = 55°C, Tj is prior to surge.
2. Less than 1/16" from the case for 10 seconds.
3. By standard printed board, see fig 2.
Electrical Characteristics
(Ta = 25°C)
Zener Voltage
Reverse Current
Dynamic Resistance
Test
Condition
IR (µA)
Test
Condition
ZZT (Ω)
Test
Condition
ZZK (Ω)
Test
Condition
γ
Z (%/°C) *
1
VF*
2 (V)
Type No.
VZ (V)
IZ (mA)
Max
VR (V)
Max
IZT (mA)
Max
IZK (mA)
Max
Max
1N5223B
2.7 ± 5 (%)
20
75
1.0
30
20
1300
0.25
–0.08
1.1
1N5224B
2.8 ± 5 (%)
20
75
1.0
30
20
1400
0.25
–0.08
1.1
1N5225B
3.0 ± 5 (%)
20
50
1.0
29
20
1600
0.25
–0.075
1.1
1N5226B
3.3 ± 5 (%)
20
25
1.0
28
20
1600
0.25
–0.07
1.1
1N5227B
3.6 ± 5 (%)
20
15
1.0
24
20
1700
0.25
–0.065
1.1
1N5228B
3.9 ± 5 (%)
20
10
1.0
23
20
1900
0.25
–0.06
1.1
1N5229B
4.3 ± 5 (%)
20
5
1.0
22
20
2000
0.25
±0.055
1.1
1N5230B
4.7 ± 5 (%)
20
5
2.0
19
20
1900
0.25
±0.03
1.1
1N5231B
5.1 ± 5 (%)
20
5
2.0
17
20
1600
0.25
±0.03
1.1
1N5232B
5.6 ± 5 (%)
20
5
3.0
11
20
1600
0.25
+0.038
1.1
1N5233B
6.0 ± 5 (%)
20
5
3.5
7
20
1600
0.25
+0.038
1.1
1N5234B
6.2 ± 5 (%)
20
5
4.0
7
20
1000
0.25
+0.045
1.1
1N5235B
6.8 ± 5 (%)
20
3
5.0
5
20
750
0.25
+0.05
1.1
1N5236B
7.5 ± 5 (%)
20
3
6.0
6
20
500
0.25
+0.058
1.1
1N5237B
8.2 ± 5 (%)
20
3
6.5
8
20
500
0.25
+0.062
1.1
1N5238B
8.7 ± 5 (%)
20
3
6.5
8
20
600
0.25
+0.065
1.1
1N5239B
9.1 ± 5 (%)
20
3
7.5
10
20
600
0.25
+0.068
1.1
1N5240B
10 ± 5 (%)
20
3
8.0
17
20
600
0.25
+0.075
1.1
1N5241B
11 ± 5 (%)
20
2
8.4
22
20
600
0.25
+0.076
1.1
1N5242B
12 ± 5 (%)
20
1
9.1
30
20
600
0.25
+0.077
1.1
1N5243B
13 ± 5 (%)
9.5
0.5
9.9
13
9.5
600
0.25
+0.079
1.1
1N5244B
14 ± 5 (%)
9.0
0.1
10
15
9.0
600
0.25
+0.082
1.1
1N5245B
15 ± 5 (%)
8.5
0.1
11
16
8.5
600
0.25
+0.082
1.1
1N5246B
16 ± 5 (%)
7.8
0.1
12
17
7.8
600
0.25
+0.083
1.1
1N5247B
17 ± 5 (%)
7.4
0.1
13
19
7.4
600
0.25
+0.084
1.1
1N5248B
18 ± 5 (%)
7.0
0.1
14
21
7.0
600
0.25
+0.085
1.1
1N5249B
19 ± 5 (%)
6.6
0.1
14
23
6.6
600
0.25
+0.086
1.1
1N5250B
20 ± 5 (%)
6.2
0.1
15
25
6.2
600
0.25
+0.086
1.1
Notes: 1. 1N5223 to 1N5242: IZ = 7.5 mA, 1N5243 to 1N5258: IZ = IZ,, Ta = 25°C to 125°C
2. Tested with DC, IF = 200 mA


Similar Part No. - 1N5248B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5248B VISHAY-1N5248B Datasheet
99Kb / 6P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
1N5248B VISHAY-1N5248B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5248B MCC-1N5248B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Vishay Siliconix
1N5248B VISHAY-1N5248B Datasheet
118Kb / 7P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
logo
Tak Cheong Electronics ...
1N5248B TAK_CHEONG-1N5248B Datasheet
332Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - 1N5248B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HZ-P HITACHI-HZ-P Datasheet
46Kb / 8P
   Silicon Epitaxial Planar Zener Diodes for Voltage Controller - Voltage Limitter
logo
Renesas Technology Corp
HZ-P RENESAS-HZ-P Datasheet
73Kb / 8P
   Silicon Epitaxial Planar Zener Diodes for Voltage Controller - Voltage Limitter
logo
Hitachi Semiconductor
HZ12BP HITACHI-HZ12BP Datasheet
48Kb / 8P
   Silicon Epitaxial Planar Zener Diodes for Voltage Controller & Voltage Limitter
logo
KEC(Korea Electronics)
KDZ20EV KEC-KDZ20EV Datasheet
96Kb / 3P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE(CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE)
Z02W20V KEC-Z02W20V Datasheet
236Kb / 4P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE (CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE)
logo
Renesas Technology Corp
HZU10 RENESAS-HZU10 Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
logo
SEMTECH ELECTRONICS LTD...
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
   SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com