Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M24C64RMB3G Datasheet(PDF) 8 Page - STMicroelectronics

Part # M24C64RMB3G
Description  128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64RMB3G Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M24C64RMB3G Datasheet HTML 4Page - STMicroelectronics M24C64RMB3G Datasheet HTML 5Page - STMicroelectronics M24C64RMB3G Datasheet HTML 6Page - STMicroelectronics M24C64RMB3G Datasheet HTML 7Page - STMicroelectronics M24C64RMB3G Datasheet HTML 8Page - STMicroelectronics M24C64RMB3G Datasheet HTML 9Page - STMicroelectronics M24C64RMB3G Datasheet HTML 10Page - STMicroelectronics M24C64RMB3G Datasheet HTML 11Page - STMicroelectronics M24C64RMB3G Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Signal description
M24128, M24C64, M24C32
8/39
2
Signal description
2.1
Serial Clock (SCL)
This input signal is used to strobe all data in and out of the device. In applications where this
signal is used by slave devices to synchronize the bus to a slower clock, the bus master
must have an open drain output, and a pull-up resistor must be connected from Serial Clock
(SCL) to VCC. (Figure 5 indicates how the value of the pull-up resistor can be calculated). In
most applications, though, this method of synchronization is not employed, and so the pull-
up resistor is not necessary, provided that the bus master has a push-pull (rather than open
drain) output.
2.2
Serial Data (SDA)
This bi-directional signal is used to transfer data in or out of the device. It is an open drain
output that may be wire-OR’ed with other open drain or open collector signals on the bus. A
pull up resistor must be connected from Serial Data (SDA) to VCC. (Figure 5 indicates how
the value of the pull-up resistor can be calculated).
2.3
Chip Enable (E0, E1, E2)
These input signals are used to set the value that is to be looked for on the three least
significant bits (b3, b2, b1) of the 7-bit device select code. These inputs must be tied to VCC
or VSS, to establish the device select code as shown in Figure 4. When not connected (left
floating), these inputs are read as low (0,0,0).
Figure 4.
Device select code
2.4
Write Control (WC)
This input signal is useful for protecting the entire contents of the memory from inadvertent
write operations. Write operations are disabled to the entire memory array when Write
Control (WC) is driven high. When unconnected, the signal is internally read as VIL, and
Write operations are allowed.
When Write Control (WC) is driven high, device select and Address bytes are
acknowledged, Data bytes are not acknowledged.
Ai12806
VCC
M24xxx
VSS
Ei
VCC
M24xxx
VSS
Ei


Similar Part No. - M24C64RMB3G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C64R4BN1T STMICROELECTRONICS-M24C64R4BN1T Datasheet
149Kb / 19P
   64/32 Kbit Serial I짼C Bus EEPROM
M24C64R4BN3T STMICROELECTRONICS-M24C64R4BN3T Datasheet
149Kb / 19P
   64/32 Kbit Serial I짼C Bus EEPROM
M24C64R4BN5T STMICROELECTRONICS-M24C64R4BN5T Datasheet
149Kb / 19P
   64/32 Kbit Serial I짼C Bus EEPROM
M24C64R4BN6T STMICROELECTRONICS-M24C64R4BN6T Datasheet
149Kb / 19P
   64/32 Kbit Serial I짼C Bus EEPROM
M24C64R4DW1T STMICROELECTRONICS-M24C64R4DW1T Datasheet
149Kb / 19P
   64/32 Kbit Serial I짼C Bus EEPROM
More results

Similar Description - M24C64RMB3G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24128 STMICROELECTRONICS-M24128_07 Datasheet
347Kb / 38P
   128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
M24128 STMICROELECTRONICS-M24128 Datasheet
289Kb / 34P
   128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
M24C64 STMICROELECTRONICS-M24C64 Datasheet
149Kb / 19P
   64/32 Kbit Serial I짼C Bus EEPROM
M24128-BW STMICROELECTRONICS-M24128-BW Datasheet
396Kb / 40P
   128-Kbit serial I짼C bus EEPROM
M24128-BFMC6TG STMICROELECTRONICS-M24128-BFMC6TG Datasheet
1Mb / 40P
   128-Kbit serial I짼C bus EEPROM
April 2013 Rev 23
M24C64-W STMICROELECTRONICS-M24C64-W Datasheet
465Kb / 42P
   64-Kbit serial I짼C bus EEPROM
M24C64-FDW5TP STMICROELECTRONICS-M24C64-FDW5TP Datasheet
838Kb / 45P
   64-Kbit serial I짼C bus EEPROM
M24C32-W STMICROELECTRONICS-M24C32-W Datasheet
385Kb / 38P
   32 Kbit serial I짼C bus EEPROM
M24C32-W STMICROELECTRONICS-M24C32-W_12 Datasheet
392Kb / 40P
   32-Kbit serial I짼C bus EEPROM
M24C32-FDW6TP STMICROELECTRONICS-M24C32-FDW6TP Datasheet
392Kb / 40P
   32-Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com