Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY4611B Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY4611B
Description  EZ-USB FX2LP??USB Microcontroller High-Speed USB Peripheral Controller
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY4611B Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY4611B Datasheet HTML 1Page - Cypress Semiconductor CY4611B Datasheet HTML 2Page - Cypress Semiconductor CY4611B Datasheet HTML 3Page - Cypress Semiconductor CY4611B Datasheet HTML 4Page - Cypress Semiconductor CY4611B Datasheet HTML 5Page - Cypress Semiconductor CY4611B Datasheet HTML 6Page - Cypress Semiconductor CY4611B Datasheet HTML 7Page - Cypress Semiconductor CY4611B Datasheet HTML 8Page - Cypress Semiconductor CY4611B Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
CY7C68013A, CY7C68014A
CY7C68015A, CY7C68016A
Document #: 38-08032 Rev. *L
Page 2 of 62
1.1 Features (CY7C68013A/14A only)
CY7C68014A: Ideal for battery powered applications
Suspend current: 100 μA (typ)
CY7C68013A: Ideal for non-battery powered applications
Suspend current: 300 μA (typ)
Available in five lead-free packages with up to 40 GPIOs
128-pin TQFP (40 GPIOs), 100-pin TQFP (40 GPIOs), 56-pin
QFN (24 GPIOs), 56-pin SSOP (24 GPIOs), and 56-pin VF-
BGA (24 GPIOs)
1.2 Features (CY7C68015A/16A only)
CY7C68016A: Ideal for battery powered applications
Suspend current: 100 μA (typ)
CY7C68015A: Ideal for non-battery powered applications
Suspend current: 300 μA (typ)
Available in lead-free 56-pin QFN package (26 GPIOs)
2 more GPIOs than CY7C68013A/14A enabling additional
features in same footprint
Cypress Semiconductor Corporation’s (Cypress’s) EZ-USB
FX2LP
™ (CY7C68013A/14A) is a low power version of the
EZ-USB FX2
™ (CY7C68013), which is a highly integrated, low
power USB 2.0 microcontroller. By integrating the USB 2.0 trans-
ceiver, serial interface engine (SIE), enhanced 8051 microcon-
troller, and a programmable peripheral interface in a single chip,
Cypress has created a cost effective solution that provides
superior time-to-market advantages with low power to enable
bus powered applications.
The ingenious architecture of FX2LP results in data transfer
rates of over 53 Mbytes per second, the maximum allowable
USB 2.0 bandwidth, while still using a low cost 8051 microcon-
troller in a package as small as a 56 VFBGA (5mm x 5mm).
Because it incorporates the USB 2.0 transceiver, the FX2LP is
more economical, providing a smaller footprint solution than
USB 2.0 SIE or external transceiver implementations. With
EZ-USB FX2LP, the Cypress Smart SIE handles most of the
USB 1.1 and 2.0 protocol in hardware, freeing the embedded
microcontroller for application specific functions and decreasing
development time to ensure USB compatibility.
The General Programmable Interface (GPIF) and Master/Slave
Endpoint FIFO (8-bit or 16-bit data bus) provides an easy and
glueless interface to popular interfaces such as ATA, UTOPIA,
EPP, PCMCIA, and most DSP/processors.
The FX2LP draws less current than the FX2 (CY7C68013), has
double the on-chip code/data RAM, and is fit, form and function
compatible with the 56, 100, and 128 pin FX2.
Five packages are defined for the family: 56VFBGA, 56 SSOP,
56 QFN, 100 TQFP, and 128 TQFP.
x20
PLL
/0.5
/1.0
/2.0
8051 Core
12/24/48 MHz,
four clocks/cycle
I2C
VCC
1.5k
D+
D–
FX2LP
GPIF
CY
Smart
USB
1.1/2.0
Engine
USB
2.0
XCVR
16 KB
RAM
4 kB
FIFO
Integrated
full-speed and
Additional IOs (24)
ADDR (9)
CTL (6)
RDY (6)
8/16
24 MHz
Ext. XTAL
Enhanced USB core
Simplifies 8051 code
“Soft Configuration”
Easy firmware changes
FIFO and endpoint memory
(master or slave operation)
Up to 96 MBytes/s
burst rate
General
programmable I/F
to ASIC/DSP or bus
standards such as
ATAPI, EPP, etc.
Abundant IO
including two USARTS
High performance micro
using standard tools
with lower-power options
Master
connected for
full-speed
ECC
XCVR
high-speed
Logic Block Diagram
Logic Block Diagram
[+] Feedback
[+] Feedback


Similar Part No. - CY4611B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY4611B CYPRESS-CY4611B Datasheet
3Mb / 60P
   EZ-USB FX2LP??USB Microcontroller
CY4611B CYPRESS-CY4611B Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
More results

Similar Description - CY4611B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68013A-128AXC CYPRESS-CY7C68013A-128AXC Datasheet
909Kb / 66P
   EZ-USB FX2LP USB Microcontroller High-Speed USB Peripheral Controller
CY7C68013A_0905 CYPRESS-CY7C68013A_0905 Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
CY7C68013A CYPRESS-CY7C68013A_09 Datasheet
1Mb / 62P
   EZ-USB FX2LP USB Microcontroller High Speed USB Peripheral Controller
CY7C68014A CYPRESS-CY7C68014A Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
CY7C68013 CYPRESS-CY7C68013_02 Datasheet
568Kb / 50P
   EZ-USB FX USB Microcontroller High-Speed USB Peripheral Controller
CY7C68013A CYPRESS-CY7C68013A Datasheet
1Mb / 55P
   EZ-USB FX2LP USB Microcontroller
CY7C68013A CYPRESS-CY7C68013A_06 Datasheet
3Mb / 60P
   EZ-USB FX2LP??USB Microcontroller
CY7C64713 CYPRESS-CY7C64713_08 Datasheet
1Mb / 54P
   EZ-USB FX1??USB Microcontroller Full-speed USB Peripheral Controller
CY7C6471314 CYPRESS-CY7C6471314 Datasheet
758Kb / 50P
   EZ-USB FX1??USB Microcontroller Full-speed USB Peripheral Controller
CY7C64713 CYPRESS-CY7C64713_11 Datasheet
1Mb / 72P
   EZ-USB FX1 USB Microcontroller Full Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com