Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM3115ALA300 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM3115ALA300
Description  1.5A Low Voltage-Low Dropout CMOS Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3115ALA300 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM3115ALA300 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3115ALA300 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3115ALA300 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3115ALA300 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3115ALA300 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3115ALA300 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3115ALA300 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3115ALA300 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3115ALA300 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Key Features
Applications
Low-Dropout Regulator Supports Input
Voltages Down to 1.4V
Output Voltage Available in 0.9V, 1.0V,
1.2V, 1.5V, 1.8V, 2.5V,2.8V,2.85V,3.0V, 3.3V
Stable with a Ceramic Output Capacitor
of 1.0uF or Higher
Low Dropout Voltage:150mV @1.5A
Low Quiescent Current
Over Temperature Shutdown
Short Circuit Protection
Low Temperature Coefficient
Standard SOT-223,TO-252 and SOP-8
(Exposed Pad) Packages
DSP, FPGA, and Microprocessor Power
Supplies
1.2V Core Voltage for DSPs
SATA Power Supply
LCD TV/ Monitors
Wireless Devices
Communication Devices
Portable Electronics
Post Regulator for SMPS
ceramic
They
are particularly well suited for applications
requiring low input and output voltages.
n
n
n
n
n
n
n
n
General Description
The PAM3115 is a 1.5A CMOS LDO regulator that
features a low quiescent current, ultra low input,
output and dropout voltages, as well as over
temperature shutdown. It is available in SOT-223 ,
TO-252 and SOP-8(exposed pad) packages. The
fixed output voltage of the PAM3115 is set at the
factory and trimmed to
2%. The PAM3115 is
stable with a
output capacitor of 1.0uF
or higher.
This family of regulators can provide either a
stand-alone power supply solution or act as a post
regulator for switch mode power supplies.
±
n
n
n
n
n
n
n
n
n
n Pb-Free Package
Typical Application
PAM3115
1.5A Low Voltage-Low Dropout CMOS Regulator
1
www.poweranalog.com
08/2007
V
IN
C
4.7uF
IN
C
2.2uF
O
V
O
VIN
VOUT
GND
PAM3115
IN
C1
4.7uF
C2
2.2uF
OUT
VIN
VOUT
GND
EN
SENSE
PAM3115
PWRGD
R 10K
P
,
Power Analog Microelectronics Inc


Similar Part No. - PAM3115ALA300

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3110 PAM-PAM3110 Datasheet
575Kb / 13P
   1.5A Low Dropout Voltage CMOS Regulator
PAM3110ABA120R PAM-PAM3110ABA120R Datasheet
575Kb / 13P
   1.5A Low Dropout Voltage CMOS Regulator
PAM3110ABA150R PAM-PAM3110ABA150R Datasheet
575Kb / 13P
   1.5A Low Dropout Voltage CMOS Regulator
PAM3110ABA180R PAM-PAM3110ABA180R Datasheet
575Kb / 13P
   1.5A Low Dropout Voltage CMOS Regulator
PAM3110ABA250R PAM-PAM3110ABA250R Datasheet
575Kb / 13P
   1.5A Low Dropout Voltage CMOS Regulator
More results

Similar Description - PAM3115ALA300

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP2162 FOSLINK-FSP2162 Datasheet
237Kb / 11P
   1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
FSP2160 FOSLINK-FSP2160 Datasheet
254Kb / 11P
   1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
FSP2161 FOSLINK-FSP2161 Datasheet
255Kb / 12P
   1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
logo
GTM CORPORATION
GL2138 GTM-GL2138 Datasheet
432Kb / 5P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2118 GTM-GSC2118 Datasheet
543Kb / 7P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Power Analog Micoelectr...
PAM3110 PAM-PAM3110 Datasheet
575Kb / 13P
   1.5A Low Dropout Voltage CMOS Regulator
PAM3116 PAM-PAM3116 Datasheet
322Kb / 11P
   1.5A Low Dropout Voltage CMOS Regulator
logo
GTM CORPORATION
G5U2188 GTM-G5U2188 Datasheet
540Kb / 7P
   1.5A CMOS Low Dropout Voltage Regulator
GSCLP2951 GTM-GSCLP2951 Datasheet
225Kb / 4P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GL2148 GTM-GL2148 Datasheet
436Kb / 5P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com