Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM3101CAA400 Datasheet(PDF) 9 Page - Power Analog Micoelectronics

Part # PAM3101CAA400
Description  300mA High PSRR Low Dropout CMOS Linear Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3101CAA400 Datasheet(HTML) 9 Page - Power Analog Micoelectronics

Back Button PAM3101CAA400 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3101CAA400 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3101CAA400 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3101CAA400 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3101CAA400 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3101CAA400 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3101CAA400 Datasheet HTML 11Page - Power Analog Micoelectronics PAM3101CAA400 Datasheet HTML 12Page - Power Analog Micoelectronics PAM3101CAA400 Datasheet HTML 13Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Typical Performance Characteristics(continued)
9
V= 1.8V
O
V= 2.5V
O
V= 3.3V
O
7. Quiescent Current vs Input Voltage
30
35
40
45
50
55
60
65
70
75
2
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
40
45
50
55
60
65
70
75
80
22.5
33.5
44.5
55.5
Input Voltage (V)
40
45
50
55
60
65
70
75
80
33.5
44.5
55.5
Input Voltage (V)
V= 1.8V
O
V= 2.5V
O
V= 3.3V
O
8. Quiescent Current vs Temperature
50
60
70
80
90
100
25
45
65
85
105
125
Temperature (
℃)
50
60
70
80
90
100
25
45
65
85
105
125
Temperature (
℃)
50
60
70
80
90
100
25
45
65
85
105
125
Temperature (
℃)
09/2008 Rev 1.4
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM3101
300mA High PSRR Low Dropout CMOS Linear Regulator


Similar Part No. - PAM3101CAA400

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3101CAA400 PAM-PAM3101CAA400 Datasheet
1Mb / 26P
   300mA High PSRR Low Dropout CMOS Linear Regulator
More results

Similar Description - PAM3101CAA400

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP2132 FOSLINK-FSP2132 Datasheet
719Kb / 11P
   300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2134 FOSLINK-FSP2134 Datasheet
714Kb / 11P
   300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2131 FOSLINK-FSP2131 Datasheet
718Kb / 11P
   300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
logo
Power Analog Micoelectr...
PAM3101 PAM-PAM3101_13 Datasheet
1Mb / 26P
   300mA High PSRR Low Dropout CMOS Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP2130 FOSLINK-FSP2130 Datasheet
718Kb / 11P
   300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP2133 FOSLINK-FSP2133 Datasheet
427Kb / 8P
   300MA ADJUSTABLE HIGH PSRR CMOS LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com