Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM3105VOUTCA250 Datasheet(PDF) 9 Page - Power Analog Micoelectronics

Part # PAM3105VOUTCA250
Description  0.5A Low Voltage- Low Dropout CMOS Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3105VOUTCA250 Datasheet(HTML) 9 Page - Power Analog Micoelectronics

Back Button PAM3105VOUTCA250 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3105VOUTCA250 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3105VOUTCA250 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3105VOUTCA250 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3105VOUTCA250 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3105VOUTCA250 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3105VOUTCA250 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3105VOUTCA250 Datasheet HTML 11Page - Power Analog Micoelectronics PAM3105VOUTCA250 Datasheet HTML 12Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
The PAM3105 family of low-dropout (LDO)
regulators have several features that allow them to
apply to a wide range of applications. The family
operates with very low input voltage (1.4V) and low
dropout voltage (typically 50mV at full load),
making it an efficient stand-alone power supply or
post regulator for battery or switch mode power
supplies. The 0.5A output current makes the
PAM3105 family suitable for powering many
microprocessors. The PAM3105 family also has
low output noise (typically 40μVRMS with 2.2μF
output capacitor), making it ideal for use in telecom
equipment.
A 2.2μF or larger ceramic input bypass capacitor,
connected between VIN and GND and located
close to the PAM3105, is required for stability. A
1.0uF minimum value capacitor from VOUT to GND
is also required. To improve transient response,
noise rejection, and ripple rejection, an additional
10μF or larger,low ESR capacitor is recommended
at the output. A higher value, low ESR output
capacitor may be necessary if large, fast-rise-time
load transients are anticipated and the device is
located several inches from the power source,
especially if the minimum input voltage of 1.4 V is
used.
The PAM3105 features internal current limiting and
thermal protection. During normal operation, the
PAM3105 limits output current to approximately
1A. When current limiting engages, the output
voltage scales back linearly until the over current
condition ends. While current limiting is designed
to prevent gross device failure, care should be
taken not to exceed the power dissipation ratings
of the package. If the temperature of the device
exceeds 150°C, thermal-protection circuitry will
shut it down. Once the device has cooled down to
approximately 50°C below the high temp trip point,
regulator operation resumes.
The amount of heat that an LDO linear regulator
generates is:
Power=(V -V )I .
All integrated circuits have a m aximum
allowable junction temperature (T max) above
which normal operation is not assured. A system
designer must design the operating environment
so that the operating junction temperature (T )
does not exceed the m aximum junction
temperature
( T
m ax).
The
t wo
main
environmental variables that a designer can use
to improve thermal performance are air flow and
external heatsinks. The purpose o f t his
information is to aid the designer in determining
the proper operating environment for a linear
regulator that is operating at a specific power
level.
In general, the maximum expected power
(P (max)) consumed by a linear regulator is
computed as:
(1)
Where:
V
is the average input voltage.
V
is the average output voltage.
I
is the average output current.
I
is the quiescent current.
For most LDO regulators, the quiescent current
is insignificant compared to the average output
current; therefore, the term V
xI
can be
neglected. The operating junction temperature
is computed by adding the ambient temperature
(T ) and the increase in temperature due to the
regulator' s power dissipation. The temperature
rise is computed by multiplying the maximum
expected power dissipation by the sum of the
thermal resistances between the junction and
the case R
), the case to heatsink (R
), and
the heatsink to ambient (R
). Thermal
resistances are measures of how effectively an
object dissipates heat. Typically, the larger the
device, the more surface area available for
power dissipation so that the object 's thermal
resistance will be lower.
External Capacitor Requirements
Regulator Protection
Thermal Information
IN
O
O
J
J
J
D
I (avg)
O(avg)
O(avg)
(Q)
I(avg)
(Q)
A
JC
CS
SA
l
l
l
l
(
θθ
θ
Application Information
9
08/2007
()
()
() () () ( )
DMAX
I avg
O avg
O avg
I avg
Q
P= V
-V
×I
+V×I
PAM3105
0.5A Low Voltage- Low Dropout CMOS Regulator
,
Power Analog Microelectronics Inc
www.poweranalog.com


Similar Part No. - PAM3105VOUTCA250

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3101 PAM-PAM3101 Datasheet
493Kb / 24P
   300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA150 PAM-PAM3101AAA150 Datasheet
493Kb / 24P
   300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA150 PAM-PAM3101AAA150 Datasheet
1Mb / 26P
   300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA180 PAM-PAM3101AAA180 Datasheet
493Kb / 24P
   300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA180 PAM-PAM3101AAA180 Datasheet
1Mb / 26P
   300mA High PSRR Low Dropout CMOS Linear Regulator
More results

Similar Description - PAM3105VOUTCA250

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
L88M05T ONSEMI-L88M05T Datasheet
489Kb / 8P
   17V, 5V / 0.5A Low Dropout Voltage Regulator
February, 2014
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seiko Instruments Inc
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S818 SII-S818 Datasheet
366Kb / 23P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
ABLIC Inc.
S-818 ABLIC-S-818 Datasheet
487Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S814 SII-S814 Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com