Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM3112DAB130 Datasheet(PDF) 9 Page - Power Analog Micoelectronics

Part # PAM3112DAB130
Description  300mA CMOS Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3112DAB130 Datasheet(HTML) 9 Page - Power Analog Micoelectronics

Back Button PAM3112DAB130 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3112DAB130 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3112DAB130 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3112DAB130 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3112DAB130 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3112DAB130 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3112DAB130 Datasheet HTML 11Page - Power Analog Micoelectronics PAM3112DAB130 Datasheet HTML 12Page - Power Analog Micoelectronics PAM3112DAB130 Datasheet HTML 13Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Ordering Information
PAM3112XXXX
Output Voltage
Number of Pins
Package Type
Pin Configuration
9
PAM3112
300mA CMOS Linear Regulator
10/2008 Rev 1.3
Pin Configuration
Package Type
Number of Pins
Output Voltage
AType
1. VOUT
2. GND
3. VIN
BType
1.GND
2. VOUT
3. VIN
DType
1. VIN
2. GND
3. EN
4. BYP
5. VOUT
FType
1. EN
2. GND
3. VOUT
4. VIN
GType
1. VIN
2. VOUT
3. GND
HType
1. GND
2. VIN
3. VOUT
A: SOT-23
C: SOT89
U: SC70
A: 3
B: 5
K: 4
120
:1.2V
130
:1.3V
,
Power Analog Microelectronics Inc
www.poweranalog.com


Similar Part No. - PAM3112DAB130

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3110 PAM-PAM3110 Datasheet
575Kb / 13P
   1.5A Low Dropout Voltage CMOS Regulator
PAM3110ABA120R PAM-PAM3110ABA120R Datasheet
575Kb / 13P
   1.5A Low Dropout Voltage CMOS Regulator
PAM3110ABA150R PAM-PAM3110ABA150R Datasheet
575Kb / 13P
   1.5A Low Dropout Voltage CMOS Regulator
PAM3110ABA180R PAM-PAM3110ABA180R Datasheet
575Kb / 13P
   1.5A Low Dropout Voltage CMOS Regulator
PAM3110ABA250R PAM-PAM3110ABA250R Datasheet
575Kb / 13P
   1.5A Low Dropout Voltage CMOS Regulator
More results

Similar Description - PAM3112DAB130

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3232 ANALOGICTECH-AAT3232 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
AAT3242 ANALOGICTECH-AAT3242_08 Datasheet
1Mb / 15P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3242 AAT-AAT3242 Datasheet
265Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable
logo
Nuvoton Technology Corp...
NCT3703U NUVOTON-NCT3703U Datasheet
377Kb / 23P
   300mA Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP2133 FOSLINK-FSP2133 Datasheet
427Kb / 8P
   300MA ADJUSTABLE HIGH PSRR CMOS LINEAR REGULATOR
logo
Power Analog Micoelectr...
PAM3101 PAM-PAM3101_13 Datasheet
1Mb / 26P
   300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101 PAM-PAM3101 Datasheet
493Kb / 24P
   300mA High PSRR Low Dropout CMOS Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP2131 FOSLINK-FSP2131 Datasheet
718Kb / 11P
   300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com