Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM3112DAB130 Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM3112DAB130
Description  300mA CMOS Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3112DAB130 Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM3112DAB130 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3112DAB130 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3112DAB130 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3112DAB130 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3112DAB130 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3112DAB130 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3112DAB130 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3112DAB130 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3112DAB130 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Typical Performance Characteristics
T
25°C C
1 F C
2.2 F, V =1.2V, unless otherwise noted.
AIN
O
O
=,
=
, =
μμ
5
PAM3112
300mA CMOS Linear Regulator
1. Output Voltage vs Input Voltage
0.8
0.85
0.9
0.95
1
1.05
1.1
1.15
1.2
1.25
23
456
Input Voltage(V)
IO=1mA
IO=150mA
IO=300mA
2. Output Voltage vs Output Current
1.175
1.18
1.185
1.19
1.195
1.2
1.205
0
50
100
150
200
250
300
Output Current(mA)
VIN=4V
VIN=3V
VIN=5V
3. Output Voltage vs Temperature
1.16
1.165
1.17
1.175
1.18
1.185
1.19
1.195
1.2
050
100
150
Temperature(
℃)
IO=300mA
IO=30mA
4. Quiescent Current vs Input Voltage
0
10
20
30
40
50
60
70
80
23
456
Quiescent Current(uA)
5. Ground Current vs Temperature
68
70
72
74
76
78
80
82
0
306090
120
150
Temperature(
℃)
6. Ground Current vs Input Voltage
0
20
40
60
80
100
120
23
45
6
Input Voltage(V)
IO=300mA
IO=150mA
IO=1mA
10/2008 Rev 1.3
,
Power Analog Microelectronics Inc
www.poweranalog.com


Similar Part No. - PAM3112DAB130

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3110 PAM-PAM3110 Datasheet
575Kb / 13P
   1.5A Low Dropout Voltage CMOS Regulator
PAM3110ABA120R PAM-PAM3110ABA120R Datasheet
575Kb / 13P
   1.5A Low Dropout Voltage CMOS Regulator
PAM3110ABA150R PAM-PAM3110ABA150R Datasheet
575Kb / 13P
   1.5A Low Dropout Voltage CMOS Regulator
PAM3110ABA180R PAM-PAM3110ABA180R Datasheet
575Kb / 13P
   1.5A Low Dropout Voltage CMOS Regulator
PAM3110ABA250R PAM-PAM3110ABA250R Datasheet
575Kb / 13P
   1.5A Low Dropout Voltage CMOS Regulator
More results

Similar Description - PAM3112DAB130

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3232 ANALOGICTECH-AAT3232 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
AAT3242 ANALOGICTECH-AAT3242_08 Datasheet
1Mb / 15P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3242 AAT-AAT3242 Datasheet
265Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable
logo
Nuvoton Technology Corp...
NCT3703U NUVOTON-NCT3703U Datasheet
377Kb / 23P
   300mA Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP2133 FOSLINK-FSP2133 Datasheet
427Kb / 8P
   300MA ADJUSTABLE HIGH PSRR CMOS LINEAR REGULATOR
logo
Power Analog Micoelectr...
PAM3101 PAM-PAM3101_13 Datasheet
1Mb / 26P
   300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101 PAM-PAM3101 Datasheet
493Kb / 24P
   300mA High PSRR Low Dropout CMOS Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP2131 FOSLINK-FSP2131 Datasheet
718Kb / 11P
   300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com