Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM3103ADJABADJ Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM3103ADJABADJ
Description  300mAAdjustable High PSRR CMOS Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3103ADJABADJ Datasheet(HTML) 6 Page - Power Analog Micoelectronics

Back Button PAM3103ADJABADJ Datasheet HTML 2Page - Power Analog Micoelectronics PAM3103ADJABADJ Datasheet HTML 3Page - Power Analog Micoelectronics PAM3103ADJABADJ Datasheet HTML 4Page - Power Analog Micoelectronics PAM3103ADJABADJ Datasheet HTML 5Page - Power Analog Micoelectronics PAM3103ADJABADJ Datasheet HTML 6Page - Power Analog Micoelectronics PAM3103ADJABADJ Datasheet HTML 7Page - Power Analog Micoelectronics PAM3103ADJABADJ Datasheet HTML 8Page - Power Analog Micoelectronics PAM3103ADJABADJ Datasheet HTML 9Page - Power Analog Micoelectronics PAM3103ADJABADJ Datasheet HTML 10Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Capacitor Selection and Regulator Stability
ADJ Output Voltage Programming
Load Transient Considerations
Shutdown Input Operation
Internal P-Channel Pass Transistor
Input-Output (Dropout) Voltage
Current Limit and Short Circuit Protection
Similar to any low dropout regulator, the external
capacitors used with the PAM3103 must be
carefully selected for regulator stability and
performance.
Please note that the distance
between C
and the input pin of the PAM3103
should not exceed 0.5 inch. Ceramic capacitors are
suitable for the PAM3103. Capacitors with larger
values and lower ESR (equivalent series
resistance) provide better PSRR and line-transient
response.
The PAM3103 is designed specifically to work with
low ESR ceramic output capacitors in order to save
space and improve performance. Using an output
ceramic capacitor whose value is >
The output voltage of the PAM3103 adjustable
regulator is programed by using an external
resistor divider as shown in Figure1. The output
voltage is calculated as below:
V =V
(1+R1/R2)
Resistor R 1 and R2 should be chosen for
approximately 7 A divider current. Lower value
resistors can be used but offer no advantage and
waste more power. Higher value should be avoided
as leakage current at ADJ pin increase the output
voltage error.
V/V
- 1
C u r v e7o f
on page 5 shows two components of
the output response: a DC shift from the output
impedance due to the load current change and
transient response. The DC shift is quite small
due to excellent load regulation of the PAM3103.
The transient spike, resulting from a step
change in the load current from 1mA to 300mA,
is 20mV. The ESR of the output capacitor is
critical t o t he transient spike. A larger
capacitance along with smaller ESR results in a
smaller spike.
The PAM3103 can be shut down by pulling the
EN input low, and turned on by tying the EN
input to VIN or leaving the EN input floating.
The PAM3103 features a 0.75
device as a pass transistor. The P-
MOS pass transistor enables the PAM3103 to
consume only 65 A of ground current during low
dropout, light-load, or heavy-load operation.
This feature increases the battery operation life
time.
A regulator's minimum input-output voltage
differential (or dropout voltage) determines the
lowest usable supply voltage. The PAM3103 has
a typical 300mV dropout voltage. In battery-
powered systems, this will determine the useful
end-of-life battery voltage.
The PAM3103 features a current limit, which
monitors and controls the gate voltage of the
pass transistor. The output current can be
limited to 400mA by regulating the gate voltage.
The PAM3103 also has a built-in short circuit
current limit.
IN
OREF
OREF
2.2μF with
ESR>5mΩ ensures stability.
μ
Ω P-Channel
MOSFET
μ
A capacitor C
of more than 1μF can be employed
in the input pin, while there is no upper limit for the
capacitance of C .
the PAM3103 load-transient
response
IN
IN
C
is unnecessary when R1 or R2
<20k . The recommended design procedure is to
choose R2=169k
to set the divider current at 7 A
and then calculate R1 as below:
R1=(
)R2
C
Ω
Ωμ
Application Information
09/2008 Rev 1.2
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM3103
300mA Adjustable High PSRR CMOS Linear Regulator


Similar Part No. - PAM3103ADJABADJ

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3101 PAM-PAM3101 Datasheet
493Kb / 24P
   300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA150 PAM-PAM3101AAA150 Datasheet
493Kb / 24P
   300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA150 PAM-PAM3101AAA150 Datasheet
1Mb / 26P
   300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA180 PAM-PAM3101AAA180 Datasheet
493Kb / 24P
   300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA180 PAM-PAM3101AAA180 Datasheet
1Mb / 26P
   300mA High PSRR Low Dropout CMOS Linear Regulator
More results

Similar Description - PAM3103ADJABADJ

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP2133 FOSLINK-FSP2133 Datasheet
427Kb / 8P
   300MA ADJUSTABLE HIGH PSRR CMOS LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM5633B HMSEMI-HM5633B Datasheet
2Mb / 10P
   High PSRR linear regulator
logo
ON Semiconductor
NCP785A ONSEMI-NCP785A_16 Datasheet
109Kb / 10P
   High PSRR Linear Regulator
December, 2014 ??Rev. 2
logo
FOSLINK SEMICONDUCTOR C...
FSP2132 FOSLINK-FSP2132 Datasheet
719Kb / 11P
   300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2134 FOSLINK-FSP2134 Datasheet
714Kb / 11P
   300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2131 FOSLINK-FSP2131 Datasheet
718Kb / 11P
   300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
logo
Power Analog Micoelectr...
PAM3101 PAM-PAM3101_13 Datasheet
1Mb / 26P
   300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101 PAM-PAM3101 Datasheet
493Kb / 24P
   300mA High PSRR Low Dropout CMOS Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP2130 FOSLINK-FSP2130 Datasheet
718Kb / 11P
   300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
logo
AiT Semiconductor Inc.
A6110 AITSEMI-A6110 Datasheet
557Kb / 13P
   LOW DROPOUT VOLTAGE REGULATOR 1A HIGH PSRR CMOS,LINEAR REGULATOR
REV1.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com