Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V827464N24S Datasheet(PDF) 9 Page - Mosel Vitelic, Corp

Part # V827464N24S
Description  2.5 VOLT 64M x 72 HIGH PERFORMANCE REGISTERED ECC DDR SDRAM MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V827464N24S Datasheet(HTML) 9 Page - Mosel Vitelic, Corp

Back Button V827464N24S Datasheet HTML 5Page - Mosel Vitelic, Corp V827464N24S Datasheet HTML 6Page - Mosel Vitelic, Corp V827464N24S Datasheet HTML 7Page - Mosel Vitelic, Corp V827464N24S Datasheet HTML 8Page - Mosel Vitelic, Corp V827464N24S Datasheet HTML 9Page - Mosel Vitelic, Corp V827464N24S Datasheet HTML 10Page - Mosel Vitelic, Corp V827464N24S Datasheet HTML 11Page - Mosel Vitelic, Corp V827464N24S Datasheet HTML 12Page - Mosel Vitelic, Corp V827464N24S Datasheet HTML 13Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MOSEL VITELIC
V827464N24S
9
V827464N24S Rev. 1.0 August 2002
DDR SDRAM IDD SPEC TABLE
* Module IDD was calculated on the basis of component IDD and can be differently measured according to DQ loading cap.
Detailed test conditions for DDR SDRAM IDD1 & IDD
IDD1 : Operating current: One bank operation
1. Typical Case : Vdd = 2.5V, T=25’ C
2. Worst Case : Vdd = 2.7V, T= 10’ C
3. Only one bank is accessed with tRC(min), Burst Mode, Address and Control inputs on NOP edge are changing once
per clock cycle. lout = 0mA
4. Timing patterns
- DDR200(100Mhz, CL=2) : tCK = 10ns, CL2, BL=4, tRCD = 2*tCK, tRAS = 5*tCK
Read : A0 N R0 N N P0 N A0 N - repeat the same timing with random address changing
*50% of data changing at every burst
- DDR266B(133Mhz, CL=2.5) : tCK = 7.5ns, CL=2.5, BL=4, tRCD = 3*tCK, tRC = 9*tCK, tRAS = 5*tCK
Read : A0 N N R0 N P0 N N N A0 N - repeat the same timing with random address changing
*50% of data changing at every burst
- DDR266A (133Mhz, CL=2) : tCK = 7.5ns, CL=2, BL=4, tRCD = 3*tCK, tRC = 9*tCK, tRAS = 5*tCK
Read : A0 N N R0 N P0 N N N A0 N - repeat the same timing with random address changing
*50% of data changing at every burst
Legend : A=Activate, R=Read, W=Write, P=Precharge, N=NOP
Symbol
A1
PC1600@CL2
B0
PC2100B@CL2.5
B1
PC2100A@CL2
C0
PC2700@CL2.5
Unit
IDD0
1640
1860
1860
1990
mA
IDD1
1860
2180
2180
2540
mA
IDD2P
280
380
380
460
mA
IDD2F
640
640
640
280
mA
IDD2Q
640
740
740
190
mA
IDD3P
280
380
380
370
mA
IDD3N
1100
1280
1280
550
mA
IDD4R
2700
3440
3440
1700
mA
IDD4W
2360
3080
3080
1600
mA
IDD5
3260
3440
3440
1800
mA
IDD6
Normal
54
54
54
30
mA
Low power
33
33
33
33
mA
IDD7
4600
5400
5400
6400
mA


Similar Part No. - V827464N24S

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V827464K24S MOSEL-V827464K24S Datasheet
223Kb / 14P
   2.5 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
More results

Similar Description - V827464N24S

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V827464K24S MOSEL-V827464K24S Datasheet
223Kb / 14P
   2.5 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V827332N04S MOSEL-V827332N04S Datasheet
450Kb / 15P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED ECC DDR SDRAM MODULE
V827332U04S MOSEL-V827332U04S Datasheet
294Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED ECC DDR SDRAM MODULE
V437464E24V MOSEL-V437464E24V Datasheet
313Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V437464C24V MOSEL-V437464C24V Datasheet
325Kb / 12P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE PC133 REGISTERED PLL ECC SDRAM MODULE
V827332K04S MOSEL-V827332K04S Datasheet
277Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V827432K24S MOSEL-V827432K24S Datasheet
211Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V827316K04S MOSEL-V827316K04S Datasheet
271Kb / 13P
   2.5 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V437464S24V MOSEL-V437464S24V Datasheet
318Kb / 12P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437464Q24V MOSEL-V437464Q24V Datasheet
322Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com