Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M24128-BWCS5TG Datasheet(PDF) 6 Page - STMicroelectronics

Part # M24128-BWCS5TG
Description  128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128-BWCS5TG Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M24128-BWCS5TG Datasheet HTML 2Page - STMicroelectronics M24128-BWCS5TG Datasheet HTML 3Page - STMicroelectronics M24128-BWCS5TG Datasheet HTML 4Page - STMicroelectronics M24128-BWCS5TG Datasheet HTML 5Page - STMicroelectronics M24128-BWCS5TG Datasheet HTML 6Page - STMicroelectronics M24128-BWCS5TG Datasheet HTML 7Page - STMicroelectronics M24128-BWCS5TG Datasheet HTML 8Page - STMicroelectronics M24128-BWCS5TG Datasheet HTML 9Page - STMicroelectronics M24128-BWCS5TG Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Description
M24128, M24C64, M24C32
6/39
1
Description
The M24C32, M24C64 and M24128 devices are I2C-compatible electrically erasable
programmable memories (EEPROM). They are organized as 4096 × 8 bits, 8192 × 8 bits
and 16384 × 8 bits, respectively.
Figure 1.
Logic diagram
I2C uses a two-wire serial interface, comprising a bi-directional data line and a clock line.
The devices carry a built-in 4-bit Device Type Identifier code (1010) in accordance with the
I2C bus definition.
The device behaves as a slave in the I2C protocol, with all memory operations synchronized
by the serial clock. Read and Write operations are initiated by a Start condition, generated
by the bus master. The Start condition is followed by a device select code and Read/Write
bit (RW) (as described in Table 3), terminated by an acknowledge bit.
When writing data to the memory, the device inserts an acknowledge bit during the 9th bit
time, following the bus master’s 8-bit transmission. When data is read by the bus master, the
bus master acknowledges the receipt of the data byte in the same way. Data transfers are
terminated by a Stop condition after an Ack for Write, and after a NoAck for Read.
AI01844e
3
E0-E2
SDA
VCC
M24128
M24C64
M24C32
WC
SCL
VSS


Similar Part No. - M24128-BWCS5TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24128-BWCS6 STMICROELECTRONICS-M24128-BWCS6 Datasheet
1Mb / 40P
   128-Kbit serial I짼C bus EEPROM
April 2013 Rev 23
M24128-BWCS6T STMICROELECTRONICS-M24128-BWCS6T Datasheet
1Mb / 40P
   128-Kbit serial I짼C bus EEPROM
April 2013 Rev 23
More results

Similar Description - M24128-BWCS5TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24128 STMICROELECTRONICS-M24128_07 Datasheet
347Kb / 38P
   128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
M24128 STMICROELECTRONICS-M24128 Datasheet
289Kb / 34P
   128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
M24C64 STMICROELECTRONICS-M24C64 Datasheet
149Kb / 19P
   64/32 Kbit Serial I짼C Bus EEPROM
M24128-BW STMICROELECTRONICS-M24128-BW Datasheet
396Kb / 40P
   128-Kbit serial I짼C bus EEPROM
M24128-BFMC6TG STMICROELECTRONICS-M24128-BFMC6TG Datasheet
1Mb / 40P
   128-Kbit serial I짼C bus EEPROM
April 2013 Rev 23
M24C64-W STMICROELECTRONICS-M24C64-W Datasheet
465Kb / 42P
   64-Kbit serial I짼C bus EEPROM
M24C64-FDW5TP STMICROELECTRONICS-M24C64-FDW5TP Datasheet
838Kb / 45P
   64-Kbit serial I짼C bus EEPROM
M24C32-W STMICROELECTRONICS-M24C32-W Datasheet
385Kb / 38P
   32 Kbit serial I짼C bus EEPROM
M24C32-W STMICROELECTRONICS-M24C32-W_12 Datasheet
392Kb / 40P
   32-Kbit serial I짼C bus EEPROM
M24C32-FDW6TP STMICROELECTRONICS-M24C32-FDW6TP Datasheet
392Kb / 40P
   32-Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com