Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H22LTB Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # H22LTB
Description  OPTOLOGIC OPTICAL INTERRUPTER SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H22LTB Datasheet(HTML) 6 Page - Fairchild Semiconductor

  H22LTB Datasheet HTML 1Page - Fairchild Semiconductor H22LTB Datasheet HTML 2Page - Fairchild Semiconductor H22LTB Datasheet HTML 3Page - Fairchild Semiconductor H22LTB Datasheet HTML 4Page - Fairchild Semiconductor H22LTB Datasheet HTML 5Page - Fairchild Semiconductor H22LTB Datasheet HTML 6Page - Fairchild Semiconductor H22LTB Datasheet HTML 7Page - Fairchild Semiconductor H22LTB Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
©1986 Fairchild Semiconductor Corporation
www.fairchildsemi.com
H22L Series Rev. 1.2
6
Typical Performance Characteristics (Continued)
IO - Output Current (mA)
110
0.01
0.1
1
VCC = 5 V
TA = 25°C
IF = 10mA
VF - Forward Voltage (V)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0
20
40
60
80
100
IF - Forward Current (mA)
05
10
15
20
0
1
2
3
4
5
TPHL
TPLH
VCC = 5 V
RL = 270Ω
TA = 25°C
IF Pulsed
T = 10ms
Duty Cycle = 50%
TA = 25°C
TA - Ambient Temperature (˚C)
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
IF (ON)
IF (OFF)
IF (OFF)
IF (ON)
Normalized to:
VCC = 5 V
TA = 25°C
Figure 5. Normalized Threshold Current
vs. Ambient Temperature
Figure 6. Forward Current vs. Forward Voltage
Figure 7. Low Output Voltage
vs. Output Current
Figure 8. Response Time vs. Forward Current


Similar Part No. - H22LTB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H22LTB FAIRCHILD-H22LTB Datasheet
191Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H22LTB FAIRCHILD-H22LTB Datasheet
200Kb / 6P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
More results

Similar Description - H22LTB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H22L FAIRCHILD-H22L_04 Datasheet
200Kb / 6P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21LTB FAIRCHILD-H21LTB_04 Datasheet
148Kb / 9P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21LTB FAIRCHILD-H21LTB Datasheet
200Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H22L FAIRCHILD-H22L Datasheet
191Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00112 FAIRCHILD-QVE00112 Datasheet
91Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00120 FAIRCHILD-QVE00120 Datasheet
146Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21L FAIRCHILD-H21L Datasheet
303Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00112 FAIRCHILD-QVE00112_04 Datasheet
451Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21A4 FAIRCHILD-H21A4 Datasheet
101Kb / 4P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
H22B1 FAIRCHILD-H22B1 Datasheet
361Kb / 6P
   PHOTODARLINGTON OPTICAL INTERRUPTER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com