Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSQ0370RNA Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FSQ0370RNA
Description  Green Mode Fairchild Power Switch (FPS??
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ0370RNA Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FSQ0370RNA Datasheet HTML 7Page - Fairchild Semiconductor FSQ0370RNA Datasheet HTML 8Page - Fairchild Semiconductor FSQ0370RNA Datasheet HTML 9Page - Fairchild Semiconductor FSQ0370RNA Datasheet HTML 10Page - Fairchild Semiconductor FSQ0370RNA Datasheet HTML 11Page - Fairchild Semiconductor FSQ0370RNA Datasheet HTML 12Page - Fairchild Semiconductor FSQ0370RNA Datasheet HTML 13Page - Fairchild Semiconductor FSQ0370RNA Datasheet HTML 14Page - Fairchild Semiconductor FSQ0370RNA Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0170RNA, FSQ0270RNA, FSQ0370RNA Rev. 1.0.2
11
Application Information
Methods of Reducing Audible Noise
Switching-mode power converters have electronic and
magnetic components, which generate audible noise
when the operating frequency is in the range of
20~20,000Hz. Even though they operate above 20KHz,
they can make noise, depending on the load condition.
The following sections discuss methods to reduce noise.
Glue or Varnish
The most common method of reducing noise involves
using glue or varnish to tighten magnetic components.
The motion of core, bobbin, and coil and the chattering
or magnetostriction of core can cause the transformer to
produce audible noise. The use of rigid glue and varnish
helps reduce the transformer noise. Glue or varnish can
also can crack the core because sudden changes in the
ambient temperature cause the core and the glue to
expand or shrink in a different ratio.
Ceramic Capacitor
Using a film capacitor instead of a ceramic capacitor as a
snubber capacitor is another noise reduction solution.
Some dielectric materials show a piezoelectric effect,
depending on the electric field intensity. Hence, a
snubber capacitor becomes one of the most significant
sources of audible noise. Another possibility is to use a
Zener clamp circuit instead of an RCD snubber for
higher efficiency as well as lower audible noise.
Adjusting Sound Frequency
Moving the fundamental frequency of noise out of the
2~4kHz range is the third method. Generally, humans
are more sensitive to noise in the range of 2~4kHz.
When the fundamental frequency of noise is located in
this range, the noise sounds louder although the noise
intensity level is identical (see Figure 19).
When the FPS acts in burst mode and the burst
operation is suspected to be a source of noise, this
method may be helpful. If the frequency of burst mode
operation lies in the range of 2~4kHz, adjusting the
feedback loop can shift the burst operation frequency. To
reduce the burst operation frequency, increase a
feedback gain capacitor (CF), opto-coupler supply
resistor (RD); and feedback capacitor (CB), and decrease
a feedback gain resistor (RF), as shown in Figure 20.
Figure 19. Equal Loudness Curves
Figure 20. Typical Feedback Network of FPS
Other Reference Materials
AN-4134: Design Guidelines for Off-line Forward
Converters Using Fairchild Power Switch (FPS™)
AN-4137: Design Guidelines for Off-line Flyback
Converters Using Fairchild Power Switch (FPS™)
AN-4140: Transformer Design Consideration for Off-line
Flyback Converters using Fairchild Power Switch (FPS™)
AN-4141: Troubleshooting and Design Tips for Fairchild
Power Switch (FPS™) Flyback Applications
AN-4147: Design Guidelines for RCD Snubber of
Flyback
AN-4148: Audible Noise Reduction Techniques for
FPS™ Applications


Similar Part No. - FSQ0370RNA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0370RNA FAIRCHILD-FSQ0370RNA Datasheet
938Kb / 17P
   Green Mode Fairchild Power Switch (FPS??
FSQ0370RNA FAIRCHILD-FSQ0370RNA_12 Datasheet
1Mb / 18P
   Green Mode Fairchild Power Switch (FPS??
More results

Similar Description - FSQ0370RNA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com