Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS340 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS340
Description  POWER SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS340 Datasheet(HTML) 4 Page - STMicroelectronics

  STPS340 Datasheet HTML 1Page - STMicroelectronics STPS340 Datasheet HTML 2Page - STMicroelectronics STPS340 Datasheet HTML 3Page - STMicroelectronics STPS340 Datasheet HTML 4Page - STMicroelectronics STPS340 Datasheet HTML 5Page - STMicroelectronics STPS340 Datasheet HTML 6Page - STMicroelectronics STPS340 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
12
5
10
20
50
10
20
50
100
200
500
VR(V)
C(pF)
F=1MHz
Tj=25°C
Fig. 6: Junction capacitance versus reverse
voltage applied (Typical values).
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
0.01
0.10
1.00
10.00
IFM(A)
Typical values
Tj=150°C
Tj=125°C
VFM(V)
Fig. 7: Forward voltage drop versus forward
current (Maximum values).
0
5
10
15
20
25
30
35
40
1E-5
1E-4
1E-3
1E-2
VR(V)
IR(A)
Tj=125°C
Tj=100°C
Tj=75°C
Tj=150°C
Fig. 5: Reverse leakage current versus reverse
voltage applied (Typical values).
0
1
234
5
0
20
40
60
80
100
120
S(Cu) (cm²)
Rth(j-a) (°C/W)
Fig. 8-1: Thermal resistance junction to ambient
versus copper surface under each lead (Epoxy printed
circuit board FR4, copper thickness: 35
µm) (SMB).
01
2345
0
20
40
60
80
100
Rth(j-a) (°C/W)
S(Cu) (cm²)
Fig. 8-2: Thermal resistance junction to ambient
versus copper surface under each lead (Epoxy printed
circuit board FR4, copper thickness: 35
µm) (SMC).
02468
10
12
14
16
18
20
0
20
40
60
80
100
Rth(j-a) (°C/W)
S(Cu) (cm²)
Fig. 8-3: Thermal resistance junction to ambient
versus copper surface under each lead (Epoxy printed
circuit board FR4, copper thickness: 35
µm) (DPAK).
STPS340U/S/B
4/7


Similar Part No. - STPS340

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS340-Y STMICROELECTRONICS-STPS340-Y Datasheet
99Kb / 8P
   Automotive power Schottky rectifier
STPS340B STMICROELECTRONICS-STPS340B Datasheet
141Kb / 11P
   Power Schottky rectifier
STPS340B STMICROELECTRONICS-STPS340B Datasheet
96Kb / 7P
   POWER SCHOTTKY RECTIFIER
logo
Inchange Semiconductor ...
STPS340B ISC-STPS340B Datasheet
299Kb / 2P
   Schottky Rectifier Diode
logo
STMicroelectronics
STPS340B-TR STMICROELECTRONICS-STPS340B-TR Datasheet
141Kb / 11P
   Power Schottky rectifier
More results

Similar Description - STPS340

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com