Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB12NM50N Datasheet(PDF) 10 Page - STMicroelectronics

Part # STB12NM50N
Description  N-channel 500 V, 0.29 廓, 11 A MDmesh??II Power MOSFET TO-220 - DPAK - D2PAK - I2PAK - TO-220FP
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB12NM50N Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STB12NM50N Datasheet HTML 6Page - STMicroelectronics STB12NM50N Datasheet HTML 7Page - STMicroelectronics STB12NM50N Datasheet HTML 8Page - STMicroelectronics STB12NM50N Datasheet HTML 9Page - STMicroelectronics STB12NM50N Datasheet HTML 10Page - STMicroelectronics STB12NM50N Datasheet HTML 11Page - STMicroelectronics STB12NM50N Datasheet HTML 12Page - STMicroelectronics STB12NM50N Datasheet HTML 13Page - STMicroelectronics STB12NM50N Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Package mechanical data
STB12NM50N - STD12NM50N - STI/F12NM50N - STP12NM50N
10/19
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at:
www.st.com


Similar Part No. - STB12NM50N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB12NM50N STMICROELECTRONICS-STB12NM50N Datasheet
510Kb / 18P
   N-channel 500V - 0.29廓 - 11A - TO-220 /FP- D2PAK - DPAK Second generation MDmesh??Power MOSFET
logo
VBsemi Electronics Co.,...
STB12NM50N VBSEMI-STB12NM50N Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
logo
STMicroelectronics
STB12NM50ND STMICROELECTRONICS-STB12NM50ND Datasheet
584Kb / 13P
   N-channel 500 V, 0.29 廓, 11 A, FDmesh??II Power MOSFET (with fast diode), D2PAK, DPAK
STB12NM50ND STMICROELECTRONICS-STB12NM50ND Datasheet
1Mb / 16P
   N-channel 500V, 0.29 OHM, 11A, FDmesh II Power MOSFET (with fast diode) in D2PAK, DPAK, TO-220FP
logo
Inchange Semiconductor ...
STB12NM50ND ISC-STB12NM50ND Datasheet
313Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STB12NM50N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB16NM50N STMICROELECTRONICS-STB16NM50N Datasheet
554Kb / 18P
   N-channel 500 V - 0.21 廓 - 15 A MDmesh??II Power MOSFET D2PAK - I2PAK - TO-220 - TO-247- TO-220FP
STX25NM50N STMICROELECTRONICS-STX25NM50N Datasheet
616Kb / 18P
   N-channel 500 V, 0.11 廓, 22 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STP30NM50N STMICROELECTRONICS-STP30NM50N Datasheet
628Kb / 18P
   N-channel 500 V, 0.090 廓, 27 A MDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STB13NM50N STMICROELECTRONICS-STB13NM50N_08 Datasheet
573Kb / 18P
   N-channel 500 V - 0.250 廓 - 12 A MDmesh??II Power MOSFET TO-220 - TO-247 - TO-220FP - I2PAK - D2PAK
STX11NM60N STMICROELECTRONICS-STX11NM60N Datasheet
641Kb / 20P
   N-channel 600 V, 0.37 廓, 10 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, IPAK, DPAK, D2PAK
STD10NM50N STMICROELECTRONICS-STD10NM50N Datasheet
1Mb / 18P
   N-channel 500 V, 0.53 廓, 7 A DPAK, TO-220FP, TO-220 MDmesh??II Power MOSFET
STB30NM60N STMICROELECTRONICS-STB30NM60N_08 Datasheet
768Kb / 18P
   N-channel 600 V, 0.1 廓, 25 A, MDmesh??II Power MOSFET TO-220, TO-220FP, TO-247, D2PAK, I2PAK
STB14NM65N STMICROELECTRONICS-STB14NM65N Datasheet
550Kb / 18P
   N-channel 650 V, 0.33 廓, 12 A MDmesh??II Power MOSFET TO-220, TO-220FP, D2PAK, I2PAK, TO-247
STB25NM60NX STMICROELECTRONICS-STB25NM60NX Datasheet
578Kb / 18P
   N-channel 600 V, 0.130 廓 , 21 A, MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STX8NM60N STMICROELECTRONICS-STX8NM60N Datasheet
706Kb / 19P
   N-channel 600 V, 0.56 廓,7 A MDmesh??II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com