Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP8NM60 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STP8NM60
Description  N-channel 650 V@Tjmax, 0.9 廓, 8 A MDmesh??Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP8NM60 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STP8NM60 Datasheet HTML 4Page - STMicroelectronics STP8NM60 Datasheet HTML 5Page - STMicroelectronics STP8NM60 Datasheet HTML 6Page - STMicroelectronics STP8NM60 Datasheet HTML 7Page - STMicroelectronics STP8NM60 Datasheet HTML 8Page - STMicroelectronics STP8NM60 Datasheet HTML 9Page - STMicroelectronics STP8NM60 Datasheet HTML 10Page - STMicroelectronics STP8NM60 Datasheet HTML 11Page - STMicroelectronics STP8NM60 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Test circuit
STP8NM60, STD5NM60, STB8NM60
8/18
3
Test circuit
Figure 17. Switching times test circuit for
resistive load
Figure 18. Gate charge test circuit
Figure 19. Test circuit for inductive load
switching and diode recovery times
Figure 20. Unclamped inductive load test
circuit
Figure 21. Unclamped inductive waveform
Figure 22. Switching time waveform


Similar Part No. - STP8NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP8NM60 STMICROELECTRONICS-STP8NM60 Datasheet
603Kb / 13P
   N-CHANNEL 600V - 0.9ohm - 8A TO-220/TO-220FP/DPAK/IPAK MDmesh??Power MOSFET
STP8NM60 STMICROELECTRONICS-STP8NM60 Datasheet
489Kb / 16P
   N-CHANNEL 650V Tjmax-0.9ohm-8A TO-220/FP/D/IPAK/D2PAK STripFET II MOSFET
logo
Inchange Semiconductor ...
STP8NM60 ISC-STP8NM60 Datasheet
319Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP8NM60 STMICROELECTRONICS-STP8NM60 Datasheet
558Kb / 18P
   N-channel 650 V@Tjmax, 0.9 Ω, 8 A MDmesh™ Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK
Rev 17 October 2008
STP8NM60D STMICROELECTRONICS-STP8NM60D Datasheet
735Kb / 13P
   N-CHANNEL 600V - 0.9廓 - 8A - TO-220/D2PAK Fast Diode MDmesh??Power MOSFET
More results

Similar Description - STP8NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD5NM60 STMICROELECTRONICS-STD5NM60_V01 Datasheet
558Kb / 18P
   N-channel 650 V@Tjmax, 0.9 Ω, 8 A MDmesh™ Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK
Rev 17 October 2008
STD10NM65N STMICROELECTRONICS-STD10NM65N_08 Datasheet
527Kb / 17P
   N-channel 650 V, 0.43 廓, 9 A MDmesh??II Power MOSFET TO-220, TO-220FP, IPAK, DPAK
STX8NM60N STMICROELECTRONICS-STX8NM60N Datasheet
706Kb / 19P
   N-channel 600 V, 0.56 廓,7 A MDmesh??II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
STD10NM65N STMICROELECTRONICS-STD10NM65N Datasheet
504Kb / 17P
   N-channel 650 V - 0.43 廓 - 9 A - TO-220 - TO-220FP- IPAK - DPAK second generation MDmesh??Power MOSFET
STF11N65M5 STMICROELECTRONICS-STF11N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.43 廓 typ., 9 A MDmesh??V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
December 2012 Rev 2
STD7NM80 STMICROELECTRONICS-STD7NM80 Datasheet
977Kb / 17P
   N-channel 800 V, 0.95 廓, 6.5 A TO-220, TO-220FP, IPAK, DPAK MDmesh??Power MOSFET
STX11NM60N STMICROELECTRONICS-STX11NM60N Datasheet
641Kb / 20P
   N-channel 600 V, 0.37 廓, 10 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, IPAK, DPAK, D2PAK
STX6NM60N STMICROELECTRONICS-STX6NM60N Datasheet
698Kb / 19P
   N-channel 600 V, 0.85 ?? 4.6 A MDmesh??II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
January 2009 Rev 3
STD11N65M5 STMICROELECTRONICS-STD11N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.43 typ., 9 A MDmesh V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
STD11NM60N-1 STMICROELECTRONICS-STD11NM60N-1_08 Datasheet
623Kb / 21P
   N-channel 600 V - 0.37 廓 - 10 A - TO-220 - TO-220FP- I2PAK - IPAK DPAK - D2PAK second generation MDmesh??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com