Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGSD200 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SGSD200
Description  Complementary power Darlington transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SGSD200 Datasheet(HTML) 4 Page - STMicroelectronics

  SGSD200 Datasheet HTML 1Page - STMicroelectronics SGSD200 Datasheet HTML 2Page - STMicroelectronics SGSD200 Datasheet HTML 3Page - STMicroelectronics SGSD200 Datasheet HTML 4Page - STMicroelectronics SGSD200 Datasheet HTML 5Page - STMicroelectronics SGSD200 Datasheet HTML 6Page - STMicroelectronics SGSD200 Datasheet HTML 7Page - STMicroelectronics SGSD200 Datasheet HTML 8Page - STMicroelectronics SGSD200 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical characteristics
SGSD100 SGSD200
4/10
Es/b
Second breakdown energy
VCC = 30 V L = 3 mH
VCC = 30 V L = 3 mH TC = 100
oC
250
250
mJ
mJ
Is/b
Second breakdown current
VCE = 25 V t = 500 ms
6A
1.
Pulsed : Pulse duration = 300 µs, duty cycle
1.5%
Note:
For PNP type voltage and current values are negative
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit


Similar Part No. - SGSD200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SGSD200 STMICROELECTRONICS-SGSD200 Datasheet
76Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD200 STMICROELECTRONICS-SGSD200 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
More results

Similar Description - SGSD200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD122-1 STMICROELECTRONICS-MJD122-1 Datasheet
91Kb / 8P
   COMPLEMENTARY POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
MJD112 ONSEMI-MJD112_06 Datasheet
101Kb / 8P
   Complementary Darlington Power Transistors
January, 2006 ??Rev. 7
NJVMJD112 ONSEMI-NJVMJD112 Datasheet
153Kb / 10P
   Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
logo
STMicroelectronics
TIP122FP STMICROELECTRONICS-TIP122FP_09 Datasheet
646Kb / 11P
   Complementary power Darlington transistors
logo
ON Semiconductor
MJE700 ONSEMI-MJE700 Datasheet
256Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY
1995 REV 3
logo
STMicroelectronics
TIP142 STMICROELECTRONICS-TIP142 Datasheet
166Kb / 8P
   Complementary power Darlington transistors
2STW100 STMICROELECTRONICS-2STW100 Datasheet
121Kb / 7P
   Complementary power Darlington transistors
logo
ON Semiconductor
MJD112 ONSEMI-MJD112_V01 Datasheet
207Kb / 11P
   Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
logo
STMicroelectronics
MJD122T4 STMICROELECTRONICS-MJD122T4 Datasheet
91Kb / 8P
   COMPLEMENTARY POWER DARLINGTON TRANSISTORS
STX112 STMICROELECTRONICS-STX112 Datasheet
343Kb / 9P
   Complementary power Darlington transistors
logo
Fairchild Semiconductor
MJD122 FAIRCHILD-MJD122 Datasheet
137Kb / 8P
   Complementary Darlington Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com