Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MW7IC2220NBR1 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MW7IC2220NBR1
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MW7IC2220NBR1 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MW7IC2220NBR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MW7IC2220NBR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MW7IC2220NBR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MW7IC2220NBR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MW7IC2220NBR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MW7IC2220NBR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MW7IC2220NBR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MW7IC2220NBR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MW7IC2220NBR1 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
8
RF Device Data
Freescale Semiconductor
MW7IC2220NR1 MW7IC2220GNR1 MW7IC2220NBR1
TYPICAL CHARACTERISTICS
Figure 12. Broadband Frequency Response
6
36
1600
f, FREQUENCY (MHz)
24
18
1750
30
S21
1900
2050
2200
2350
2500
2650
2800
S11
−25
0
−5
−10
−15
−20
12
VDD = 28 Vdc
IDQ1 = 80 mA, IDQ2 = 300 mA
W-CDMA TEST SIGNAL
10
0.0001
100
0
PEAK−TO−AVERAGE (dB)
Figure 13. CCDF W-CDMA 3GPP, Test Model 1,
64 DPCH, 50% Clipping, Single-Carrier Test Signal
10
1
0.1
0.01
0.001
24
68
W−CDMA. ACPR Measured in 3.84 MHz
Channel Bandwidth @
±5 MHz Offset.
Input Signal PAR = 7.5 dB @ 0.01%
Probability on CCDF
Input Signal
−60
−110
−10
−20
−30
−40
−50
−70
−80
−90
−100
3.84 MHz
Channel BW
7.2
1.8
5.4
3.6
0
−1.8
−3.6
−5.4
−9
9
f, FREQUENCY (MHz)
Figure 14. Single-Carrier W-CDMA Spectrum
−7.2
−ACPR in 3.84 MHz
Integrated BW
−ACPR in 3.84 MHz
Integrated BW


Similar Part No. - MW7IC2220NBR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MW7IC2220NBR1 FREESCALE-MW7IC2220NBR1 Datasheet
1Mb / 27P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MW7IC2220NBR1 NXP-MW7IC2220NBR1 Datasheet
1Mb / 27P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 2, 5/2011
More results

Similar Description - MW7IC2220NBR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com