Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MW7IC2725NR1 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MW7IC2725NR1
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MW7IC2725NR1 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MW7IC2725NR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MW7IC2725NR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MW7IC2725NR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MW7IC2725NR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MW7IC2725NR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MW7IC2725NR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MW7IC2725NR1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MW7IC2725NR1 Datasheet HTML 13Page - Freescale Semiconductor, Inc MW7IC2725NR1 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
RF Device Data
Freescale Semiconductor
MW7IC2725NR1 MW7IC2725GNR1 MW7IC2725NBR1
Zo = 50 Ω
Zload
f = 2700 MHz
f = 2500 MHz
Zsource
f = 2500 MHz
f = 2700 MHz
VDD = 28 Vdc, IDQ1 = 77 mA, IDQ2 = 275 mA, Pout = 4 W Avg.
f
MHz
Zsource
W
Zload
W
2500
36.381 - j4.271
5.717 - j3.618
2525
36.041 - j3.328
5.624 - j3.187
2550
35.753 - j2.363
5.578 - j2.770
2575
35.516 - j1.380
5.589 - j2.412
2600
35.333 - j0.381
5.586 - j2.088
2625
35.203 + j0.635
5.579 - j1.807
2650
35.126 + j1.664
5.552 - j1.559
2675
35.104 + j2.707
5.564 - j1.335
2700
35.138 + j3.760
5.568 - j1.164
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured from
drain to ground.
Figure 16. Series Equivalent Source and Load Impedance
Z source
Z load
Input
Matching
Network
Device
Under
Test
Output
Matching
Network


Similar Part No. - MW7IC2725NR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MW7IC2725NR1 FREESCALE-MW7IC2725NR1 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1 Datasheet
814Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MW7IC2725NR1 NXP-MW7IC2725NR1 Datasheet
1Mb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 3, 1/2010
logo
Freescale Semiconductor...
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
More results

Similar Description - MW7IC2725NR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com