Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF9030LSR1 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MRF9030LSR1
Description  RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9030LSR1 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MRF9030LSR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF9030LSR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9030LSR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9030LSR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9030LSR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9030LSR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9030LSR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9030LSR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF9030LSR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MRF9030LSR1
7
RF Device Data
Freescale Semiconductor
f
MHz
Zsource
Ω
Zload
Ω
930
945
960
1.34 - j0.1
1.4 - j0.14
1.36 - j0.2
3.175 + j0.09
3.1 + j0.08
3.0 + j0.05
VDD = 26 V, IDQ = 250 mA, Pout = 30 W PEP
Figure 10. Series Equivalent Source and Load Impedance
f = 960 MHz
Zo = 5 Ω
f = 930 MHz
f = 930 MHz
f = 960 MHz
Zsource
Zload
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured
from drain to ground.
Z source
Z load
Input
Matching
Network
Device
Under Test
Output
Matching
Network


Similar Part No. - MRF9030LSR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9030LSR1 MOTOROLA-MRF9030LSR1 Datasheet
547Kb / 12P
   The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF9030LSR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6VP2600H FREESCALE-MRF6VP2600H Datasheet
1Mb / 19P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF9060LR1 FREESCALE-MRF9060LR1_08 Datasheet
364Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6_06 Datasheet
437Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF8S9170NR3 FREESCALE-MRF8S9170NR3_10 Datasheet
463Kb / 13P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF7S35015HSR3 FREESCALE-MRF7S35015HSR3_11 Datasheet
825Kb / 12P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6VP11KHR6 FREESCALE-MRF6VP11KHR6_09 Datasheet
468Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF7S19120NR1 FREESCALE-MRF7S19120NR1_09 Datasheet
517Kb / 14P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6_10 Datasheet
708Kb / 11P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6 Datasheet
400Kb / 12P
   RF Power Field Effect Transistor, N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6 Datasheet
445Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF5P21240HR6 FREESCALE-MRF5P21240HR6 Datasheet
565Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com