Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF6S9045NBR1 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MRF6S9045NBR1
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6S9045NBR1 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MRF6S9045NBR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6S9045NBR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6S9045NBR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6S9045NBR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6S9045NBR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6S9045NBR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF6S9045NBR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF6S9045NBR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF6S9045NBR1 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
RF Device Data
Freescale Semiconductor
MRF6S9045NR1 MRF6S9045NBR1
TYPICAL CHARACTERISTICS
100
24
1
0
80
Pout, OUTPUT POWER (WATTS) CW
Figure 11. Power Gain and Drain Efficiency
versus CW Output Power
VDD = 28 Vdc
IDQ = 350 mA
f = 880 MHz
TC = −30_C
−30
_C
85
_C
10
23
22
20
18
70
60
50
40
30
20
Gps
ηD
Figure 12. Power Gain versus Output Power
Pout, OUTPUT POWER (WATTS) CW
VDD = 24 V
100
17.5
23.5
080
20
23
21
20.5
20
19.5
19
40
60
22
21.5
22.5
IDQ = 350 mA
f = 880 MHz
21
19
17
16
10
25
_C
10
18.5
18
30
50
70
90
28 V
32 V
85
_C
25
_C
Figure 13. MTTF Factor versus Junction Temperature
250
108
90
TJ, JUNCTION TEMPERATURE (°C)
This above graph displays calculated MTTF in hours when the device
is operated at VDD = 28 Vdc, Pout = 10 W Avg., and ηD = 32%.
MTTF calculator available at http://www.freescale.com/rf. Select
Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
107
106
105
110
130
150
170
190
210
230


Similar Part No. - MRF6S9045NBR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S9045NBR1 FREESCALE-MRF6S9045NBR1 Datasheet
530Kb / 16P
   RF Power Field Effect Transistors
MRF6S9045NBR1 FREESCALE-MRF6S9045NBR1 Datasheet
628Kb / 16P
   RF Power Field Effect Transistors
More results

Similar Description - MRF6S9045NBR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com