Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF6P21190HR6 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MRF6P21190HR6
Description  RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6P21190HR6 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MRF6P21190HR6 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF6P21190HR6 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF6P21190HR6 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6P21190HR6 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6P21190HR6 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6P21190HR6 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6P21190HR6 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6P21190HR6 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF6P21190HR6 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
RF Device Data
Freescale Semiconductor
MRF6P21190HR6
TYPICAL CHARACTERISTICS
Figure 7. Intermodulation Distortion Products
versus Tone Spacing
10
−55
−15
0.1
7th Order
TWO−TONE SPACING (MHz)
VDD = 28 Vdc, Pout = 190 W (PEP), IDQ = 1900 mA
Two−Tone Measurements
(f1 + f2)/2 = Center Frequency of 2140 MHz
5th Order
3rd Order
−20
−30
−40
−45
−50
1
100
−25
−35
Figure 8. Pulse CW Output Power versus
Input Power
44
58
34
P3dB = 54.45 dBm (279 W)
Pin, INPUT POWER (dBm)
VDD = 28 Vdc, IDQ = 1900 mA
Pulsed CW, 8
μsec(on), 1 msec(off)
f = 2140 MHz
56
54
52
47
36
38
40
42
Actual
Ideal
P1dB = 53.7 dBm (233 W)
57
48
32
50
Figure 9. 2-Carrier W-CDMA ACPR, IM3,
Power Gain and Drain Efficiency
versus Output Power
0
−60
Pout, OUTPUT POWER (WATTS) AVG.
30
−30
25
20
−35
15
−40
5
−50
1
10
100
−45
10
−55
IM3
ηD
Gps
ACPR
300
0
18
0
60
Pout, OUTPUT POWER (WATTS) CW
Figure 10. Power Gain and Drain Efficiency
versus CW Output Power
VDD = 28 Vdc
IDQ = 1900 mA
f = 2140 MHz
100
10
15
12
9
6
3
50
40
30
20
10
Gps
ηD
Figure 11. Power Gain versus Output Power
Pout, OUTPUT POWER (WATTS) CW
VDD = 28 V
500
6
18
10
16
10
8
100
12
14
24 V
IDQ = 1900 mA
f = 2140 MHz
20 V
16 V
12 V
VDD = 28 Vdc, IDQ = 1900 mA
f1 = 2135 MHz, f2 = 2145 MHz
2−Carrier W−CDMA, 10 MHz
Carrier Spacing, 3.84 MHz Channel Bandwidth
PAR = 8.5 dB @ 0.01% Probability (CCDF)
3
3
55
53
51
49
33
35
37
39
41
43


Similar Part No. - MRF6P21190HR6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6P21190HR6 FREESCALE-MRF6P21190HR6 Datasheet
400Kb / 12P
   RF Power Field Effect Transistor, N-Channel Enhancement-Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6_10 Datasheet
712Kb / 11P
   RF Power Field Effect Transistor
More results

Similar Description - MRF6P21190HR6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6VP2600H FREESCALE-MRF6VP2600H Datasheet
1Mb / 19P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF9060LR1 FREESCALE-MRF9060LR1_08 Datasheet
364Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF8S9170NR3 FREESCALE-MRF8S9170NR3_10 Datasheet
463Kb / 13P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF7S35015HSR3 FREESCALE-MRF7S35015HSR3_11 Datasheet
825Kb / 12P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6VP11KHR6 FREESCALE-MRF6VP11KHR6_09 Datasheet
468Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF7S19120NR1 FREESCALE-MRF7S19120NR1_09 Datasheet
517Kb / 14P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6_10 Datasheet
708Kb / 11P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6 Datasheet
400Kb / 12P
   RF Power Field Effect Transistor, N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6 Datasheet
445Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF5P21240HR6 FREESCALE-MRF5P21240HR6 Datasheet
565Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com