Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF5S19150HR3 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MRF5S19150HR3
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF5S19150HR3 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MRF5S19150HR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF5S19150HR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF5S19150HR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF5S19150HR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF5S19150HR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF5S19150HR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF5S19150HR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF5S19150HR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF5S19150HR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MRF5S19150HR3 MRF5S19150HSR3
1
RF Device Data
Freescale Semiconductor
RF Power Field Effect Transistors
N-Channel Enhancement-Mode Lateral MOSFETs
Designed for PCN and PCS base station applications at frequencies from
1900 to 2000 MHz. Suitable for TDMA, CDMA and multicarrier amplifier
applications.
• Typical 2-Carrier N-CDMA Performance for VDD = 28 Volts, IDQ =
1400 mA, Avg., Pout = 32 Watts Avg., Full Frequency Band, IS-95 CDMA
(Pilot, Sync, Paging, Traffic Codes 8 Through 13) Channel Bandwidth =
1.2288 MHz. PAR = 9.8 dB @ 0.01% Probability on CCDF.
Power Gain — 14 dB
Drain Efficiency — 26%
IM3 @ 2.5 MHz Offset — -36.5 dBc in 1.2288 MHz Bandwidth
ACPR @ 885 kHz Offset — -50 dB in 30 kHz Bandwidth
• Capable of Handling 5:1 VSWR, @ 28 Vdc, 1960 MHz, 100 Watts CW
Output Power
Features
• Characterized with Series Equivalent Large-Signal Impedance Parameters
• Internally Matched for Ease of Use
• Qualified Up to a Maximum of 32 V Operation
• Integrated ESD Protection
• Lower Thermal Resistance Package
• Low Gold Plating Thickness on Leads, 40μ″ Nominal.
• RoHS Compliant
• In Tape and Reel. R3 Suffix = 250 Units per 56 mm, 13 inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-0.5, +65
Vdc
Gate-Source Voltage
VGS
-0.5, +15
Vdc
Total Device Dissipation @ TC = 25°C
Derate above 25°C
PD
427
2.44
W
W/°C
Storage Temperature Range
Tstg
- 65 to +150
°C
Case Operating Temperature
TC
150
°C
Operating Junction Temperature
TJ
200
°C
CW Operation @ TC = 25°C
Derate above 25°C
CW
120
0.76
W
W/°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (1,2)
Unit
Thermal Resistance, Junction to Case
Case Temperature 80°C, 100 W CW
Case Temperature 75°C, 32 W CW
RθJC
0.41
0.44
°C/W
1. MTTF calculator available at http://www.freescale.com/rf. Select Tools/Software/Application Software/Calculators to access
the MTTF calculators by product.
2. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes - AN1955.
Document Number: MRF5S19150H
Rev. 2, 5/2006
Freescale Semiconductor
Technical Data
MRF5S19150HR3
MRF5S19150HSR3
1930-1990 MHz, 32 W AVG., 28 V
2 x N-CDMA
LATERAL N-CHANNEL
RF POWER MOSFETs
CASE 465C-02, STYLE 1
NI-880S
MRF5S19150HSR3
CASE 465B-03, STYLE 1
NI-880
MRF5S19150HR3
© Freescale Semiconductor, Inc., 2006. All rights reserved.


Similar Part No. - MRF5S19150HR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF5S19150HR3 FREESCALE-MRF5S19150HR3 Datasheet
439Kb / 10P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF5S19150HR3 FREESCALE-MRF5S19150HR3_08 Datasheet
439Kb / 10P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
More results

Similar Description - MRF5S19150HR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com