Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF372R3 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MRF372R3
Description  RF Power Field-Effect Transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF372R3 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MRF372R3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF372R3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF372R3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF372R3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF372R3 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF372R3 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF372R3 Datasheet HTML 12Page - Freescale Semiconductor, Inc MRF372R3 Datasheet HTML 13Page - Freescale Semiconductor, Inc MRF372R3 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
RF Device Data
Freescale Semiconductor
MRF372R3 MRF372R5
TYPICAL TWO-TONE BROADBAND CHARACTERISTICS
Pout, OUTPUT POWER (WATTS) PEP
10
12
14
16
18
20
10
100
Figure 12. Power Gain versus Output Power
Figure 13. Intermodulation Distortion versus
Output Power
Pout, OUTPUT POWER (WATTS) PEP
Figure 14. Drain Efficiency versus Output Power
Pout, OUTPUT POWER (WATTS) PEP
Gps = 660 MHz
VDD = 32 Vdc
IDQ = 1000 mA
f1 − f2 = 6 MHz
−50
−45
−40
−35
−30
−25
−20
−15
−10
10
100
5
10
15
20
25
30
35
40
45
10
100
860 MHz
470 MHz
660 MHz
VDD = 32 Vdc
IDQ = 1000 mA
f1 − f2 = 6 MHz
860 MHz
IMD = 470 MHz
660 MHz
VDD = 32 Vdc
IDQ = 1000 mA
f1 − f2 = 6 MHz
hD = 860 MHz
470 MHz


Similar Part No. - MRF372R3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF372 MOTOROLA-MRF372 Datasheet
528Kb / 12P
   SEMICONDUCTOR TECHNICAL DATA
More results

Similar Description - MRF372R3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
   RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
   RF Power Field Effect Transistor
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
   RF Power Field Effect Transistor
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
   RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
   RF Power Field-Effect Transistor
logo
Advanced Semiconductor
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
   RF FIELD-EFFECT POWER TRANSISTOR
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
   RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
   RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
   RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
   RF POWER FIELD-EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRF1517NT1 FREESCALE-MRF1517NT1 Datasheet
277Kb / 15P
   RF Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com