Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF281SR1 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MRF281SR1
Description  RF Power Field Effect Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF281SR1 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MRF281SR1_06 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF281SR1_06 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF281SR1_06 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF281SR1_06 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF281SR1_06 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF281SR1_06 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF281SR1_06 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF281SR1_06 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
RF Device Data
Freescale Semiconductor
MRF281SR1 MRF281ZR1
Table 4. Common Source S-Parameters at VDS = 26 Vdc, ID = 250 mAdc
f
S11
S21
S12
S22
GHz
|S11|
∠ f
dB
∠ f
|S12|
∠ f
|S22|
∠ f
0.1
.982
-28
18.9
160
.008
73
.851
-13
0.2
.947
-52
17.0
143
.015
58
.811
-25
0.3
.912
-73
15.0
129
.019
45
.770
-33
0.4
.886
-90
12.9
117
.022
36
.741
-42
0.5
.859
-103
11.1
108
.022
28
.719
-47
0.6
.854
-114
9.69
100
.023
23
.718
-51
0.7
.841
-123
8.54
93
.022
18
.709
-56
0.8
.837
-131
7.57
87
.021
15
.714
-59
0.9
.838
-138
6.69
81
.019
12
.719
-62
1.0
.841
-143
6.01
76
.018
11
.728
-64
1.1
.840
-149
5.41
72
.015
12
.742
-66
1.2
.849
-153
4.91
68
.013
13
.745
-68
1.3
.848
-158
4.51
64
.012
18
.758
-69
1.4
.856
-162
4.12
60
.010
26
.769
-70
1.5
.858
-167
3.78
57
.009
36
.786
-70
1.6
.871
-170
3.50
54
.008
54
.797
-72
1.7
.868
-173
3.22
51
.009
69
.808
-71
1.8
.870
-176
3.00
49
.009
82
.823
-72
1.9
.872
-180
2.80
46
.011
95
.828
-72
2.0
.877
178
2.63
44
.013
104
.845
-72
2.1
.876
174
2.47
41
.015
109
.843
-72
2.2
.880
171
2.36
39
.018
111
.859
-71
2.3
.882
168
2.21
36
.021
114
.858
-72
2.4
.886
165
2.12
34
.024
114
.872
-70
2.5
.896
162
1.97
32
.027
115
.863
-70
2.6
.897
158
1.89
29
.029
117
.873
-69


Similar Part No. - MRF281SR1_06

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF281SR1 MOTOROLA-MRF281SR1 Datasheet
311Kb / 8P
   RF POWER FIELD EFFECT TRANSISTORS
More results

Similar Description - MRF281SR1_06

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com