Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF630 Datasheet(PDF) 3 Page - STMicroelectronics

Part # IRF630
Description  N-channel 200V - 0.35廓 - 9A TO-220/TO-220FP Mesh overlay??II Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IRF630 Datasheet(HTML) 3 Page - STMicroelectronics

  IRF630_06 Datasheet HTML 1Page - STMicroelectronics IRF630_06 Datasheet HTML 2Page - STMicroelectronics IRF630_06 Datasheet HTML 3Page - STMicroelectronics IRF630_06 Datasheet HTML 4Page - STMicroelectronics IRF630_06 Datasheet HTML 5Page - STMicroelectronics IRF630_06 Datasheet HTML 6Page - STMicroelectronics IRF630_06 Datasheet HTML 7Page - STMicroelectronics IRF630_06 Datasheet HTML 8Page - STMicroelectronics IRF630_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
IRF630 - IRF630FP
Electrical ratings
3/14
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220
TO-220FP
VDS
Drain-source voltage (VGS = 0)
200
V
VDGR
Drain-gate voltage (RGS = 20 kΩ)
200
V
VGS
Gate-source voltage
± 20
V
ID
Drain current (continuous) at TC = 25°C
9
9(1)
1.
Limited only by maximum temperature allowed
A
ID
Drain current (continuous) at TC=100°C
5.7
5.7(1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
36
36(1)
A
PTOT
Total dissipation at TC = 25°C
75
30
W
Derating factor
0.6
0.24
W/°C
dv/dt (3)
3.
ISD
≤9A, di/dt ≤300A/µs, VDD ≤V(BR)DSS, Tj ≤TJMAX
Peak diode recovery voltage slope
5
V/ns
VISO
Insulation winthstand voltage (DC)
--
2000
V
TJ
Tstg
Operating junction temperature
Storage temperature
-65 to 150
150
°C
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
TO-220
TO-220FP
Rthj-case
Thermal resistance junction-case Max
1.67
4.17
°C/W
Rthj-a
Thermal resistance junction-ambient Max
62.5
°C/W
Rthc-sink
Thermal resistance case-sink typ
0.5
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C
Table 3.
Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj Max)
9A
EAS
Single pulse avalanche energy
(starting Tj=25°C, Id=Iar, Vdd=50V)
160
mJ


Similar Part No. - IRF630_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF630A FAIRCHILD-IRF630A Datasheet
257Kb / 7P
   Advanced Power MOSFET
logo
Inchange Semiconductor ...
IRF630A ISC-IRF630A Datasheet
262Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
IRF630B FAIRCHILD-IRF630B Datasheet
859Kb / 10P
   200V N-Channel MOSFET
logo
New Jersey Semi-Conduct...
IRF630B NJSEMI-IRF630B Datasheet
72Kb / 2P
   N-Channel MOSFET Transistor
logo
Kersemi Electronic Co.,...
IRF630B KERSEMI-IRF630B Datasheet
1Mb / 9P
   200V N-Channel MOSFET
More results

Similar Description - IRF630_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF630M STMICROELECTRONICS-IRF630M_06 Datasheet
326Kb / 14P
   N-channel 200V - 0.35廓 - 9A - TO-220 /TO-220FP Mesh Overlay??Power MOSFET
IRF630M STMICROELECTRONICS-IRF630M Datasheet
343Kb / 9P
   N-CHANNEL 200V - 0.35W - 9A TO-220/TO-220FP MESH OVERLAY MOSFET
STB19NF20 STMICROELECTRONICS-STB19NF20 Datasheet
535Kb / 16P
   N-channel 200V - 0.15廓 - 15A - TO-220 - D2PAK - TO-220FP MESH OVERLAY??Power MOSFET
IRF630 STMICROELECTRONICS-IRF630 Datasheet
104Kb / 9P
   N - CHANNEL 200V - 0.35ihm - 9A - TO-220/FP MESH OVERLAY] MOSFET
IRF640 STMICROELECTRONICS-IRF640 Datasheet
107Kb / 9P
   N - CHANNEL 200V - 0.150ohm - 18A TO-220/TO-220FP MESH OVERLAY] MOSFET
IRF640T STMICROELECTRONICS-IRF640T Datasheet
247Kb / 12P
   N-channel 200V - 0.15廓 - 15A - TO-220 MESH OVERLAY??Power MOSFET
IRF-634 STMICROELECTRONICS-IRF-634 Datasheet
326Kb / 14P
   N-channel 250V - 0.38廓 - 8A TO-220 /TO-220FP Mesh Overlay??Power MOSFET
IRF634 STMICROELECTRONICS-IRF634 Datasheet
333Kb / 9P
   N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY??MOSFET
STP16NS25 STMICROELECTRONICS-STP16NS25 Datasheet
330Kb / 9P
   N-CHANNEL 250V - 0.23ohm - 16A TO-220 / TO-220FP MESH OVERLAY??MOSFET
STP8NS25 STMICROELECTRONICS-STP8NS25 Datasheet
329Kb / 9P
   N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com